Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SN74LS01D Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza SN74LS01D
Descripción Electrónicos  QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74LS01D Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LS01D Datasheet HTML 2Page - Texas Instruments SN74LS01D Datasheet HTML 3Page - Texas Instruments SN74LS01D Datasheet HTML 4Page - Texas Instruments SN74LS01D Datasheet HTML 5Page - Texas Instruments SN74LS01D Datasheet HTML 6Page - Texas Instruments SN74LS01D Datasheet HTML 7Page - Texas Instruments SN74LS01D Datasheet HTML 8Page - Texas Instruments SN74LS01D Datasheet HTML 9Page - Texas Instruments SN74LS01D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN5401J
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
SN54LS01J
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
SN54LS01J
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
SN7401N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SN7401N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SN7401N3
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SN7401N3
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SN74LS01D
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
SN74LS01D
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
SN74LS01DR
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
SN74LS01DR
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
SN74LS01N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SN74LS01N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SN74LS01N3
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SN74LS01N3
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SNJ5401J
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ5401J
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ5401W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
SNJ5401W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
SNJ54LS01FK
OBSOLETE
LCCC
FK
20
TBD
Call TI
Call TI
SNJ54LS01FK
OBSOLETE
LCCC
FK
20
TBD
Call TI
Call TI
SNJ54LS01J
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54LS01J
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54LS01W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
SNJ54LS01W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
PACKAGE OPTION ADDENDUM
www.ti.com
18-Jul-2006
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com