Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LF40CP Datasheet(PDF) 37 Page - STMicroelectronics

No. de pieza LF40CP
Descripción Electrónicos  Very low drop voltage regulators with inhibit
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF40CP Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LF40CP Datasheet HTML 33Page - STMicroelectronics LF40CP Datasheet HTML 34Page - STMicroelectronics LF40CP Datasheet HTML 35Page - STMicroelectronics LF40CP Datasheet HTML 36Page - STMicroelectronics LF40CP Datasheet HTML 37Page - STMicroelectronics LF40CP Datasheet HTML 38Page - STMicroelectronics LF40CP Datasheet HTML 39Page - STMicroelectronics LF40CP Datasheet HTML 40Page - STMicroelectronics LF40CP Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
LF00 series
Package mechanical data
37/46
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46