| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST72C104G2 Datasheet(PDF) 94 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72C104G2 Datasheet(HTML) 94 Page - STMicroelectronics |
|
94 / 140 page ![]() ST72104G, ST72215G, ST72216G, ST72254G 94/140 INSTRUCTION GROUPS (Cont’d) Mnemo Description Function/Example Dst Src H I N Z C ADC Add with Carry A = A + M + C A M H N Z C ADD Addition A = A + M A M H N Z C AND Logical And A = A . M A M N Z BCP Bit compare A, Memory tst (A . M) A M N Z BRES Bit Reset bres Byte, #3 M BSET Bit Set bset Byte, #3 M BTJF Jump if bit is false (0) btjf Byte, #3, Jmp1 M C BTJT Jump if bit is true (1) btjt Byte, #3, Jmp1 M C CALL Call subroutine CALLR Call subroutine relative CLR Clear reg, M 0 1 CP Arithmetic Compare tst(Reg - M) reg M N Z C CPL One Complement A = FFH-A reg, M N Z 1 DEC Decrement dec Y reg, M N Z HALT Halt 0 IRET Interrupt routine return Pop CC, A, X, PC H I N Z C INC Increment inc X reg, M N Z JP Absolute Jump jp [TBL.w] JRA Jump relative always JRT Jump relative JRF Never jump jrf * JRIH Jump if ext. interrupt = 1 JRIL Jump if ext. interrupt = 0 JRH Jump if H = 1 H = 1 ? JRNH Jump if H = 0 H = 0 ? JRM Jump if I = 1 I = 1 ? JRNM Jump if I = 0 I = 0 ? JRMI Jump if N = 1 (minus) N = 1 ? JRPL Jump if N = 0 (plus) N = 0 ? JREQ Jump if Z = 1 (equal) Z = 1 ? JRNE Jump if Z = 0 (not equal) Z = 0 ? JRC Jump if C = 1 C = 1 ? JRNC Jump if C = 0 C = 0 ? JRULT Jump if C = 1 Unsigned < JRUGE Jump if C = 0 Jmp if unsigned >= JRUGT Jump if (C + Z = 0) Unsigned > |