Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ST72C104G2 Datasheet(PDF) 117 Page - STMicroelectronics

No. de pieza ST72C104G2
Descripción Electrónicos  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C104G2 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button ST72C104G2 Datasheet HTML 113Page - STMicroelectronics ST72C104G2 Datasheet HTML 114Page - STMicroelectronics ST72C104G2 Datasheet HTML 115Page - STMicroelectronics ST72C104G2 Datasheet HTML 116Page - STMicroelectronics ST72C104G2 Datasheet HTML 117Page - STMicroelectronics ST72C104G2 Datasheet HTML 118Page - STMicroelectronics ST72C104G2 Datasheet HTML 119Page - STMicroelectronics ST72C104G2 Datasheet HTML 120Page - STMicroelectronics ST72C104G2 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
117/140
EMC CHARACTERISTICS (Cont’d)
True Open Drain Pin Protection
The centralized protection (4) is not involved in the
discharge of the ESD stresses applied to true
open drain pads due to the fact that a P-Buffer and
diode to VDD are not implemented. An additional
local protection between the pad and VSS (5a &
5b) is implemented to completely absorb the posi-
tive ESD discharge.
Multisupply Configuration
When several types of ground (VSS, VSSA, ...) and
power supply (VDD, VDDA, ...) are available for any
reason (better noise immunity...), the structure
shown in Figure 77 is implemented to protect the
device against ESD.
Figure 75. Positive Stress on a True Open Drain Pad vs. VSS
Figure 76. Negative Stress on a True Open Drain Pad vs. VDD
Figure 77. Multisupply Configuration
IN
VDD
VSS
(1)
(2b)
(4)
OUT
VDD
VSS
(3b)
Main path
Path to avoid
(5a)
(5b)
IN
VDD
VSS
(1)
(2b)
(4)
OUT
VDD
VSS
(3b)
Main path
(3b)
(3b)
VDDA
VSSA
VDDA
VDD
VSS
BACK TO BACK DIODE
BETWEEN GROUNDS
VSSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More