Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GD10NC60K Datasheet(PDF) 16 Page - STMicroelectronics

No. de pieza GD10NC60K
Descripción Electrónicos  N-channel 600V - 10A - D2PAK / TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GD10NC60K Datasheet(HTML) 16 Page - STMicroelectronics

Back Button GD10NC60K Datasheet HTML 9Page - STMicroelectronics GD10NC60K Datasheet HTML 10Page - STMicroelectronics GD10NC60K Datasheet HTML 11Page - STMicroelectronics GD10NC60K Datasheet HTML 12Page - STMicroelectronics GD10NC60K Datasheet HTML 13Page - STMicroelectronics GD10NC60K Datasheet HTML 14Page - STMicroelectronics GD10NC60K Datasheet HTML 15Page - STMicroelectronics GD10NC60K Datasheet HTML 16Page - STMicroelectronics GD10NC60K Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Revision history
STGB10NC60K - STGP10NC60K - STGD10NC60K
16/17
6
Revision history
Table 7.
Revision history
Date
Revision
Changes
21-Nov-2005
1
New release
06-Dic-2005
2
Inserted row on Table 1.: Absolute maximum ratings
06-Mar-2006
3
The document has been reformatted
06-Jun-2006
4
Inserted DPAK
08-Feb-2007
5
Description has been updated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com