| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IP101GRI Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
IP101GRI Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers |
|
33 / 65 page ![]() IP101G Data Sheet 33/65 January 14, 2014 Copyright © 2011, IC Plus Corp. IP101G-DS-R01 MMD register 7.60 page MII ROM R/W Description Default -- 7.60.3 RO 10GBASE-T EEE 1 = Advertise that the 10GBASE-T has EEE capability 0 = Do not advertise that the 10GBASE-T has EEE capability 0 -- 7.60.2 RO 1000BASE-T EEE 1 = Advertise that the 1000BASE-T has EEE capability 0 = Do not advertise that the 1000BASE-T has EEE capability 0 -- 7.60.1 R/W 100BASE-TX EEE 1 = Advertise that the 100BASE-TX has EEE capability 0 = Do not advertise that the 100BASE-TX has EEE capability 1 -- 7.60.0 RO Reserved Ignore when read 0 MMD register 7.61 page MII ROM R/W Description Default EEE Link Partner Ability Register -- 7.61[15:7] RO Reserved Ignore when read 0 -- 7.61.6 RO 10GBASE-KR EEE 1 = Link partner is advertising EEE capability for 10GBASE-KR 0 = Link partner is not advertising EEE capability for 10GBASE-KR 0 -- 7.61.5 RO 10GBASE-KX4 EEE 1 = Link partner is advertising EEE capability for 10GBASE-KX4 0 = Link partner is not advertising EEE capability for 10GBASE-KX4 0 -- 7.61.4 RO 1000BASE-KX EEE 1 = Link partner is advertising EEE capability for 1000BASE-KX 0 = Link partner is not advertising EEE capability for 1000BASE-KX 0 -- 7.61.3 RO 10GBASE-T EEE 1 = Link partner is advertising EEE capability for 10GBASE-T 0 = Link partner is not advertising EEE capability for 10GBASE-T 0 -- 7.61.2 RO 1000BASE-T EEE 1 = Link partner is advertising EEE capability for 1000BASE-T 0 = Link partner is not advertising EEE capability for 1000BASE-T 0 -- 7.61.1 RO 100BASE-TX EEE 1 = Link partner is advertising EEE capability for 100BASE-TX 0 = Link partner is not advertising EEE capability for 100BASE-TX 0 -- 7.61.0 RO Reserved Ignore when read 0 The other Registers are reserved registers. User is inhibited to access to these registers. It may introduce abnormal function to write these registers. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |