| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M95640-RMB6T Datasheet(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95640-RMB6T Datasheet(HTML) 40 Page - STMicroelectronics |
|
40 / 44 page ![]() Package mechanical M95320, M95640, M95320-x, M95640-x 40/44 Figure 20. MLP8 - 8-lead Ultra thin Fine pitch Dual Flat No Lead, package outline 1. Drawing is not to scale. Table 26. MLP8 - 8-lead Ultra thin Fine pitch Dual Flat No Lead, package mechanical data Symbol millimeters inches Typ Min Max Typ Min Max A 0.55 0.50 0.60 0.022 0.020 0.024 A1 0.00 0.05 0.000 0.002 b 0.25 0.20 0.30 0.010 0.008 0.012 D2.00 0.079 D2 1.55 1.65 0.061 0.065 ddd 0.05 0.002 E3.00 0.118 E2 0.15 0.25 0.006 0.010 e0.50 – – 0.020 – – L 0.45 0.40 0.50 0.018 0.016 0.020 L1 0.15 0.006 L3 0.30 0.012 N8 8 D E UFDFPN-01 A A1 ddd L1 e b D2 L E2 L3 |