Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M95320-RMN3T/B Datasheet(PDF) 20 Page - STMicroelectronics

No. de pieza M95320-RMN3T/B
Descripción Electrónicos  32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-RMN3T/B Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M95320-RMN3T/B Datasheet HTML 16Page - STMicroelectronics M95320-RMN3T/B Datasheet HTML 17Page - STMicroelectronics M95320-RMN3T/B Datasheet HTML 18Page - STMicroelectronics M95320-RMN3T/B Datasheet HTML 19Page - STMicroelectronics M95320-RMN3T/B Datasheet HTML 20Page - STMicroelectronics M95320-RMN3T/B Datasheet HTML 21Page - STMicroelectronics M95320-RMN3T/B Datasheet HTML 22Page - STMicroelectronics M95320-RMN3T/B Datasheet HTML 23Page - STMicroelectronics M95320-RMN3T/B Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Instructions
M95320, M95640, M95320-x, M95640-x
20/44
Figure 10.
Write Status Register (WRSR) sequence
Table 6.
Address range bits(1)
1.
b15 to b13 are Don’t Care on the 64 Kbit devices.
b15 to b12 are Don’t Care on the 32 Kbit devices.
Device
32 Kbit Devices
64 Kbit Devices
Address Bits
A12-A0
A11-A0
C
D
AI02282D
S
Q
2
1
3456789 10 11 12 13 14 15
High Impedance
Instruction
Status
Register In
0
765432
0
1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44