Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M95640-RMB3T/B Datasheet(PDF) 16 Page - STMicroelectronics

No. de pieza M95640-RMB3T/B
Descripción Electrónicos  32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-RMB3T/B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M95640-RMB3T/B Datasheet HTML 12Page - STMicroelectronics M95640-RMB3T/B Datasheet HTML 13Page - STMicroelectronics M95640-RMB3T/B Datasheet HTML 14Page - STMicroelectronics M95640-RMB3T/B Datasheet HTML 15Page - STMicroelectronics M95640-RMB3T/B Datasheet HTML 16Page - STMicroelectronics M95640-RMB3T/B Datasheet HTML 17Page - STMicroelectronics M95640-RMB3T/B Datasheet HTML 18Page - STMicroelectronics M95640-RMB3T/B Datasheet HTML 19Page - STMicroelectronics M95640-RMB3T/B Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Instructions
M95320, M95640, M95320-x, M95640-x
16/44
6.2
Write Disable (WRDI)
One way of resetting the Write Enable Latch (WEL) bit is to send a Write Disable instruction
to the device.
As shown in Figure 8, to send this instruction to the device, Chip Select (S) is driven Low,
and the bits of the instruction byte are shifted in, on Serial Data Input (D).
The device then enters a wait state. It waits for a the device to be deselected, by Chip Select
(S) being driven High.
The Write Enable Latch (WEL) bit, in fact, becomes reset by any of the following events:
●
Power-up
●
WRDI instruction execution
●
WRSR instruction completion
●
WRITE instruction completion.
Figure 8.
Write Disable (WRDI) sequence
C
D
AI03750D
S
Q
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44