Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

83257106 Datasheet(PDF) 5 Page - Lapp.

No. de pieza 83257106
Descripción Electrónicos  DYMO XTL™ MARKING KIT & MARKING TAPE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LAPP [Lapp.]
Página de inicio  https://e.lapp.com/us/
Logo LAPP - Lapp.

83257106 Datasheet(HTML) 5 Page - Lapp.

  83257106 Datasheet HTML 1Page - Lapp. 83257106 Datasheet HTML 2Page - Lapp. 83257106 Datasheet HTML 3Page - Lapp. 83257106 Datasheet HTML 4Page - Lapp. 83257106 Datasheet HTML 5Page - Lapp. 83257106 Datasheet HTML 6Page - Lapp. 83257106 Datasheet HTML 7Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
83257106
DATA SHEET
Valid from:
08.11.2021
DYMO XTL™ MARKING KIT & MARKING TAPE
Document: DB83257106EN
Version: 03
Page 5 of 7
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Advantages Flat marking tape:
•Industrial label for flat surfaces
•Marking of panels etc.
•Transparent blank surface on label for professional appearance
•UL identified as component to UL969
Technical data Flat marking tape:
Material: Polyester
Temperature range: -40°C to +60°C
Mounting: flat and structured surfaces
Usage: Indoor and outdoor
Resistance: UV, oil, moisture, chemicals
UL Approval: UL969, RoHS
Colour standard: OSHA, ANSI, ISO
Prod
uct data Flat marking tape:
Art. no.
Article type
Colour
Size (m)
Packaging
unit
Unit
83257140
XTL Label Flat 6WH
White
9.1
1
1
83257141
XTL Label Flat 9WH
White
9.1
1
1
83257142
XTL Label Flat 12WH
White
9.1
1
1
83257143
XTL Label Flat 6TR
Transparent
9.1
1
1
83257144
XTL Label Flat 9TR
Transparent
9.1
1
1
83257145
XTL Label Flat 12TR
Transparent
9.1
1
1
Advantages Cable marking tape:
•Industrial label with flexible cable wraps
•Ideal for marking wires, cables and round surfaces
•Tear proof material
•Resistance towards damage when pulled through tight spaces and conduits
•UL recognized as a component to UL968
Technical data Cable marking tape:
Material: Nylon
Temperature range: -40°C to +80°C
Mounting: round surface
Usage: Indoor
Resistance: UV, oil, moisture, chemicals
UL Approval: UL969, RoHS
Product data Cable marking tape:
Art. no.
Article type
Colour
Size (m)
Packaging
unit
Unit
83257211
XTL Cable wrap 12BK/WH
White
5.5
1
1
83257212
XTL Cable wrap 19BK/WH
White
5.5
1
1
83257213
XTL Cable wrap 24BK/WH
White
5.5
1
1



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com