| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1271ATVRCTR Datasheet(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC1271ATVRCTR Datasheet(HTML) 17 Page - Microchip Technology |
|
17 / 42 page ![]() 2007-2022 Microchip Technology Inc. and its subsidiaries DS20002035F-page 17 TC1270A/70AN/71A FIGURE 4-4: TC1270A Block Diagram. FIGURE 4-5: TC1270AN Block Diagram. FIGURE 4-6: TC1271A Block Diagram. 4.2 Voltage Detect Circuit The voltage detect circuit monitors VDD. The device’s Reset voltage trip point (VTRIP) is selected when the device is ordered. The voltage on the device’s VDD pin determines the output state of the RST/RST pin. VDD voltages above the VTRIP(MAX) force the RST/RST pin inactive. VDD voltages below the VTRIP(MIN) force the RST/RST pin active. The state of the RST/RST pin is unknown for VDD voltages between VTRIP(MAX) and VTRIP(MIN). This is shown in Table 4-1 TABLE 4-1: VDD LEVELS TO RST/RST OUTPUT STATES The term VTRIP will be used as the general term for the trip point voltage where the device actually trips. In the case where VDD is falling (for voltages starting above VTRIP(MAX)): • Voltages above VTRIP(MAX) will never cause the RST/RST output pin to be driven active. • Voltages below VTRIP(MIN) will always cause the RST/RST output pin to be driven active. In the case where VDD is rising (for voltages starting below VTRIP(MIN)): • Voltages above VTRIP(MAX) will always cause the RST/RST output pin to be driven inactive, (or floated, in the TC1270AN) after the Reset Delay Timer (tRST), times out. Table 4-2 shows the various device trip point options and their VTRIP(MAX) and VTRIP(MIN) voltages. The neg- ative percentage change from common regulated voltages is also shown. If the VDD is falling from the regulated voltage as it crosses the VTRIP voltage, the RST/RST pin is driven active. Then, the desired circuitry is forced into Reset, or the circuitry has the indication that the VDD is below the selected VTRIP. VDD Comparator + – Output Driver RST Reference Noise Filter MR Voltage Delay (Push- Pull) VDD Comparator + – RST Reference VSS Noise Filter MR Voltage Delay Output Driver (Open- Drain) VDD Comparator + – RST Reference Noise Filter MR Voltage Delay Output Driver (Push- Pull) VDD Voltage Level Output State RST RST VDD VTRIP(MAX) H(1, 2) L(1) VTRIP(MIN) < VDD < VTRIP(MAX) UU VDD VTRIP(MIN) LH Legend: H = Driven HighL = Driven Low U = Unknown, driven either High or Low Note 1: The RST/RST pin will be driven inactive after the Reset Delay Timer (tRST) times out. 2: The TC1270AN RST pin will be floated after the Reset Delay Timer (tRST) times out. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |