Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TC1271ASBVCTTR Datasheet(PDF) 29 Page - Microchip Technology

No. de pieza TC1271ASBVCTTR
Descripción Electrónicos  Voltage Supervisor with Manual Reset Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1271ASBVCTTR Datasheet(HTML) 29 Page - Microchip Technology

Back Button TC1271ASBVCTTR Datasheet HTML 25Page - Microchip Technology TC1271ASBVCTTR Datasheet HTML 26Page - Microchip Technology TC1271ASBVCTTR Datasheet HTML 27Page - Microchip Technology TC1271ASBVCTTR Datasheet HTML 28Page - Microchip Technology TC1271ASBVCTTR Datasheet HTML 29Page - Microchip Technology TC1271ASBVCTTR Datasheet HTML 30Page - Microchip Technology TC1271ASBVCTTR Datasheet HTML 31Page - Microchip Technology TC1271ASBVCTTR Datasheet HTML 32Page - Microchip Technology TC1271ASBVCTTR Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
 2007-2022 Microchip Technology Inc. and its subsidiaries
DS20002035F-page 29
TC1270A/70AN/71A
Package Marking Information (Continued)
XXNN
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
3
e
3
e
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
Example:
Part Number
Code
Part Number
Code
TC1270ALVRCTR
D1
TC1270ANMAVRCTR
E9
TC1270AMVRCTR
D2
TC1270ANLAVRCTR
EA
TC1270ATVRCTR
D3
TC1270ANRBVRCTR
EB
TC1270ASVRCTR
D4
TC1270ANSBVRCTR
EC
TC1270ARVRCTR
D5
TC1270ANTBVRCTR
ED
TC1270ARAVRCTR
D6
TC1270ANMBVRCTR
EE
TC1270ASAVRCTR
D7
TC1270ANLBVRCTR
EF
TC1270ATAVRCTR
D8
TC1271ALVRCTR
C1
TC1270AMAVRCTR
D9
TC1271AMVRCTR
C2
TC1270ALAVRCTR
DA
TC1271ATVRCTR
C3
TC1270ARBVRCTR
DB
TC1271ASVRCTR
C4
TC1270ASBVRCTR
DC
TC1271ARVRCTR
C5
TC1270ATBVRCTR
DD
TC1271ARAVRCTR
C6
TC1270AMBVRCTR
DE
TC1271ASAVRCTR
C7
TC1270ALBVRCTR
DF
TC1271ATAVRCTR
C8
TC1270ANLVRCTR
E1
TC1271AMAVRCTR
C9
TC1270ANMVRCTR
E2
TC1271ALAVRCTR
CA
TC1270ANTVRCTR
E3
TC1271ARBVRCTR
CB
TC1270ANSVRCTR
E4
TC1271ASBVRCTR
CC
TC1270ANRVRCTR
E5
TC1271ATBVRCTR
CD
TC1270ANRAVRCTR
E6
TC1271AMBVRCTR
CE
TC1270ANSAVRCTR
E7
TC1271ALBVRCTR
CF
TC1270ANTAVRCTR
E8
TC1270ARVRCTR-VAO
D5
Note:
The content of these tables applies to 4-Lead
SOT-143.
4-Lead SOT-143
XXNN
CD25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com