Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PDSP16350/B0/AC Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

No. de pieza PDSP16350/B0/AC
Descripción Electrónicos  I/Q Splitter/NCO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

PDSP16350/B0/AC Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button PDSP16350/B0/AC Datasheet HTML 5Page - Zarlink Semiconductor Inc PDSP16350/B0/AC Datasheet HTML 6Page - Zarlink Semiconductor Inc PDSP16350/B0/AC Datasheet HTML 7Page - Zarlink Semiconductor Inc PDSP16350/B0/AC Datasheet HTML 8Page - Zarlink Semiconductor Inc PDSP16350/B0/AC Datasheet HTML 9Page - Zarlink Semiconductor Inc PDSP16350/B0/AC Datasheet HTML 10Page - Zarlink Semiconductor Inc PDSP16350/B0/AC Datasheet HTML 11Page - Zarlink Semiconductor Inc PDSP16350/B0/AC Datasheet HTML 12Page - Zarlink Semiconductor Inc PDSP16350/B0/AC Datasheet HTML 13Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PDSP16350
10
Characteristic
Output high voltage
Output low voltage
Input high voltage
Input low voltage
Input leakage current
Input capacitance
Output leakage current
Output S/C current
NOTES
1. Exceeding these ratings may cause permanent damage.
Functional operation under these conditions is not implied.
2. Maximum dissipation or 1 second should not be ex-
ceeded, only one output to be tested at any one time.
3. Exposure to absolute maximum ratings for extended peri-
ods may affect device reliablity.
4. Vcc = Max, Outputs Unloaded, Clock Freq = Max.
5. CMOS levels are defined as
VIH = VDD - 0.5v
VIL = +0.5v
6. Current is defined as positive into the device.
7. The ø
JC data assumes that heat is extracted from the top
face of the package.
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply voltage Vcc
-0.5V to 7.0V
Input voltage V
IN
-0.5V to Vcc + 0.5V
Output voltage V
OUT
-0.5V to Vcc + 0.5V
Clamp diode current per pin I
K (see note 2)
18mA
Static discharge voltage (HMB)
500V
Storage temperature T
S
-65
°C to 150°C
Ambient temperature with power applied T
AMB
Military
-55
°C to +125°C
Industrial
-40
°C to 85°C
Junction temperature
150
°C
Package power dissipation
3500mW
Thermal resistances
Junction to Case ø
JC
5
°C/W
Min.
2.4
-
3.0
-
-10
-50
40
Max.
-
0.4
-
0.8
+10
+50
250
Conditions
I
OH = 4mA
I
OL = -4mA
GND < V
IN < VCC
GND < V
OUT < VCC
V
CC = Max
Units
V
V
V
V
µA
pF
µA
mA
Symbol
V
OH
V
OL
V
IH
V
IL
I
IN
C
IN
I
OZ
I
SC
Value
Typ.
10
Characteristic
Industrial
Military
Units
Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
D33:0 signal setup to clock rising edge
15
-
15
-
ns
D33:0 signal hold after clock rising edge
4
-
4
-
ns
CEN setup to clock rising edge
20
-
20
-
ns
CEN hold after clock rising edge
0
-
0
-
ns
JUMP, RES setup to clock rising edge
10
-
10
-
ns
JUMP hold after clock rising edge
6
-
6
-
ns
RES hold after clock rising edge
8
-
8
-
ns
Clock rising edge to output valid
5
30
5
30
ns
30pF
Clock freq
DC
20
DC
20
MHz
Clock High Time
15
-
15
-
ns
Clock Low Time
20
-
20
-
ns
OES,OEC low to data valid
-
20
-
20
ns
30pF
OES,OEC high to data high impedance
-
20
-
20
ns
30pF
Pipeline delay VIN to VOUT
31
31
31
31
CLKs
Vcc Current (CMOS inputs)
-
430
-
450
mA
See Note 4
Vcc Current (TTL inputs)
-
460
-
500
mA
See Note 4
Switching Characteristics
ELECTRICAL CHARACTERISTICS
Operating Conditions (unless otherwise stated)
Commercial: T
AMB = 0°C to +70°C TJ(MAX) = 95°C
V
CC = 5.0V±5% Ground = 0V
Industrial: T
AMB = -40°C to +85°C TJ(MAX) = 110°C
V
CC = 5.0V±10% Ground = 0V
Military: T
AMB = -55°C to +125°C TJ(MAX) = 150°C
V
CC = 5.0V±10% Ground = 0V
Static Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13