Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VSC8541XMV-02 Datasheet(PDF) 66 Page - Microchip Technology

No. de pieza VSC8541XMV-02
Descripción Electrónicos  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-02 Datasheet(HTML) 66 Page - Microchip Technology

Back Button VSC8541XMV-02 Datasheet HTML 62Page - Microchip Technology VSC8541XMV-02 Datasheet HTML 63Page - Microchip Technology VSC8541XMV-02 Datasheet HTML 64Page - Microchip Technology VSC8541XMV-02 Datasheet HTML 65Page - Microchip Technology VSC8541XMV-02 Datasheet HTML 66Page - Microchip Technology VSC8541XMV-02 Datasheet HTML 67Page - Microchip Technology VSC8541XMV-02 Datasheet HTML 68Page - Microchip Technology VSC8541XMV-02 Datasheet HTML 69Page - Microchip Technology VSC8541XMV-02 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
57
4.4.13
Ring Resiliency Control
The following table shows the register settings for the ring resiliency controls at address 30E2.
4.5
General Purpose Registers
Accessing the general purpose register space is similar to accessing the extended page registers. Set
register 31 to 0x0010. This sets all 32 registers to the general purpose register space.
To restore main register page access, write 0x0000 to register 31. All general purpose register bits are
super-sticky.
4
RR switchover complete interrupt status
RO
Self-clearing bit.
1: Interrupt pending.
0
3
EEE link fail interrupt status
RO
Self-clearing bit.
1: Interrupt pending.
0
2
EEE Rx TQ timer interrupt status
RO
Self-clearing bit.
1: Interrupt pending.
0
1
EEE wait quiet/Rx TS timer interrupt status
RO
Self-clearing bit.
1: Interrupt pending.
0
0
EEE wake error interrupt mask
RO
Self-clearing bit.
1: Interrupt pending.
0
Table 70 •
Ring Resiliency, Address 30E2 (0x1E)
Bit
Name
Access Description
Default
15
Ring resiliency startup enable
(master TR enable)
R/W
Sticky.
0
14
Advertise ring resiliency
R/W
Sticky.
0
13
LP ring resiliency advertisement
RO
0
12
Force ring resiliency enable
(override autoneg)
R/W
Sticky.
0
11:6
Reserved
RO
Reserved.
5:4
Ring resiliency status
RO
Ring resiliency status.
00: Timing slave1
10: Timing slave becoming master
11: Timing master1
01: Timing master becoming slave
1.
Reflects autoneg master/slave at initial link-up.
00
3:1
Reserved
RO
Reserved.
0
Start switchover (only when not in
progress)
R/W
Self clearing.
1: Initiate timing Master/Slave switchover.
0
Table 71 •
General Purpose Registers Space
Address
Name
0G–12G
Reserved
13G
CLKOUT Control
Table 69 •
Extended Interrupt Status, Address 29E2 (0x1D) (continued)
Bit
Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com