Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CDR32BP751B--- Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

No. de pieza CDR32BP751B---
Descripción Electrónicos  MIL-PRF-55681/Chips
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KSS [Kyocera Kinseki Corpotation]
Página de inicio  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CDR32BP751B--- Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  CDR32BP751B--- Datasheet HTML 1Page - Kyocera Kinseki Corpotation CDR32BP751B--- Datasheet HTML 2Page - Kyocera Kinseki Corpotation CDR32BP751B--- Datasheet HTML 3Page - Kyocera Kinseki Corpotation CDR32BP751B--- Datasheet HTML 4Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
111
CDR31 to MIL-PRF-55681/7
Military Type
Designation 1 /
Capacitance
in pF
Capacitance
tolerance
Rated temperature
and voltage-
temperature limits
WVDC
Style 0805/CDR31 (BP)
CDR31BP1R0B---
CDR31BP1R1B---
CDR31BP1R2B---
CDR31BP1R3B---
CDR31BP1R5B---
1.0
1.1
1.2
1.3
1.5
B,C
B,C
B,C
B,C
B,C
BP
BP
BP
BP
BP
100
100
100
100
100
CDR31BP1R6B---
CDR31BP1R8B---
CDR31BP2R0B---
CDR31BP2R2B---
CDR31BP2R4B---
1.6
1.8
2.0
2.2
2.4
B,C
B,C
B,C
B,C
B,C
BP
BP
BP
BP
BP
100
100
100
100
100
CDR31BP2R7B---
CDR31BP3R0B---
CDR31BP3R3B---
CDR31BP3R6B---
CDR31BP3R9B---
2.7
3.0
3.3
3.6
3.9
B,C,D
B,C,D
B,C,D
B,C,D
B,C,D
BP
BP
BP
BP
BP
100
100
100
100
100
CDR31BP4R3B---
CDR31BP4R7B---
CDR31BP5R1B---
CDR31BP5R6B---
CDR31BP6R2B---
4.3
4.7
5.1
5.6
6.2
B,C,D
B,C,D
B,C,D
B,C,D
B,C,D
BP
BP
BP
BP
BP
100
100
100
100
100
CDR31BP6R8B---
CDR31BP7R5B---
CDR31BP8R2B---
CDR31BP9R1B---
CDR31BP100B---
6.8
7.5
8.2
9.1
10
B,C,D
B,C,D
B,C,D
B,C,D
FJ,K
BP
BP
BP
BP
BP
100
100
100
100
100
CDR31BP110B---
CDR31BP120B---
CDR31BP130B---
CDR31BP150B---
CDR31BP160B---
11
12
13
15
16
FJ,K
FJ,K
FJ,K
FJ,K
FJ,K
BP
BP
BP
BP
BP
100
100
100
100
100
CDR31BP180B---
CDR31BP200B---
CDR31BP220B---
CDR31BP240B---
CDR31BP270B---
18
20
22
24
27
FJ,K
F,J,K
FJ,K
F,J,K
FJ,K
BP
BP
BP
BP
BP
100
100
100
100
100
CDR31BP300B---
CDR31BP330B---
CDR31BP360B---
CDR31BP390B---
CDR31BP430B---
30
33
36
39
43
FJ,K
F,J,K
FJ,K
F,J,K
FJ,K
BP
BP
BP
BP
BP
100
100
100
100
100
CDR31BP470B---
CDR31BP510B---
CDR31BP560B---
CDR31BP620B---
CDR31BP680B---
47
51
56
62
68
FJ,K
F,J,K
FJ,K
F,J,K
FJ,K
BP
BP
BP
BP
BP
100
100
100
100
100
CDR31BP750B---
CDR31BP820B---
CDR31BP910B---
75
82
91
FJ,K
F,J,K
FJ,K
BP
BP
BP
100
100
100
Military Type
Designation 1 /
Capacitance
in pF
Capacitance
tolerance
Rated temperature
and voltage-
temperature limits
WVDC
Style 0805/CDR31 (BP) cont’d
CDR31BP101B---
CDR31BP111B---
CDR31BP121B---
CDR31BP131B---
CDR31BP151B---
100
110
120
130
150
F,J,K
F,J,K
F,J,K
F,J,K
F,J,K
BP
BP
BP
BP
BP
100
100
100
100
100
CDR31BP161B---
CDR31BP181B---
CDR31BP201B---
CDR31BP221B---
CDR31BP241B---
160
180
200
220
240
F,J,K
F,J,K
F,J,K
F,J,K
F,J,K
BP
BP
BP
BP
BP
100
100
100
100
100
CDR31BP271B---
CDR31BP301B---
CDR31BP331B---
CDR31BP361B---
CDR31BP391B---
270
300
330
360
390
F,J,K
F,J,K
F,J,K
F,J,K
F,J,K
BP
BP
BP
BP
BP
100
100
100
100
100
CDR31BP431B---
CDR31BP471B---
CDR31BP511A---
CDR31BP561A---
CDR31BP621A---
430
470
510
560
620
F,J,K
F,J,K
F,J,K
F,J,K
F,J,K
BP
BP
BP
BP
BP
100
100
50
50
50
CDR31BP681A---
680
F,J,K
BP
50
Style 0805/CDR31 (BX)
CDR31BX471B---
CDR31BX561B---
CDR31BX681B---
CDR31BX821B---
CDR31BX102B---
470
560
680
820
1,000
K,M
K,M
K,M
K,M
K,M
BX
BX
BX
BX
BX
100
100
100
100
100
CDR31BX122B---
CDR31BX152B---
CDR31BX182B---
CDR31BX222B---
CDR31BX272B---
1,200
1,500
1,800
2,200
2,700
K,M
K,M
K,M
K,M
K,M
BX
BX
BX
BX
BX
100
100
100
100
100
CDR31BX332B---
CDR31BX392B---
CDR31BX472B---
CDR31BX562A---
CDR31BX682A---
3,300
3,900
4,700
5,600
6,800
K,M
K,M
K,M
K,M
K,M
BX
BX
BX
BX
BX
100
100
100
50
50
CDR31BX822A---
CDR31BX103A---
CDR31BX123A---
CDR31BX153A---
CDR31BX183A---
8,200
10,000
12,000
15.000
18.000
K,M
K,M
K,M
K,M
K,M
BX
BX
BX
BX
BX
50
50
50
50
50
1/ The complete part number will include additional symbols to indicate
capacitance tolerance, termination and failure rate level.
MIL-PRF-55681/Chips
Military Part Number Identification CDR31
100821
Add appropriate failure rate
Add appropriate termination finish
Capacitance Tolerance
Add appropriate failure rate
Add appropriate termination finish
Capacitance Tolerance
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
– surface mount ceramic capacitor products –



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com