Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

WM8746 Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

No. de pieza WM8746
Descripción Electrónicos  24-bit, 192kHz 6-Channel DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WOLFSON [Wolfson Microelectronics plc]
Página de inicio  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8746 Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8746_06 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8746_06 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8746_06 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8746_06 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8746_06 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8746_06 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8746_06 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8746_06 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8746_06 Datasheet HTML 32Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
WM8746
Production Data
w
March 2006, PD Rev 4.0
31
PACKAGE DIMENSIONS
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS.
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.20MM.
D. MEETS JEDEC.95 MO-150, VARIATION = AH. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
DM007.E
DS: 28 PIN SSOP (10.2 x 5.3 x 1.75 mm)
Symbols
Dimensions
(mm)
MIN
NOM
MAX
A
-----
-----
2.0
A1
0.05
-----
0.25
A2
1.65
1.75
1.85
b
0.22
0.30
0.38
c
0.09
-----
0.25
D
9.90
10.20
10.50
e
E
7.40
7.80
8.20
5.00
5.30
5.60
L
0.55
0.75
0.95
θθθθ
A A2
A1
14
1
15
28
E1
E
Θ
Θ
Θ
Θ
c
L
GAUGE
PLANE
0.25
e
b
D
SEATING PLANE
-C-
0.10 C
REF:
JEDEC.95, MO-150
E1
L1
1.25 REF
0.65 BSC
L1
0
o
4
o
8
o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com