| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM263P2 Datasheet(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2 Datasheet(HTML) 15 Page - Texas Instruments |
|
15 / 154 page ![]() Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S Packages) ZCZ_C BALL NUMBER [1] ZCZ_S BALL NUMBER [1] BALL NAME [2]/ IOMUX REGISTER [14]/ ADDRESS [15]/ DEFAULT VALUE [16] SIGNAL NAME [3] MUX MODE [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] POWER [10] HYS [11] BUFFER TYPE [12] PULL TYPE [13] V15 V15 ADC0_AIN0 ADC0_AIN0 I 3.3 V VDDA_CIO AnalogCIO U15 U15 ADC0_AIN1 ADC0_AIN1 I 3.3 V VDDA_CIO AnalogCIO T14 T14 ADC0_AIN2 ADC0_AIN2 I 3.3 V VDDA_CIO AnalogCIO U14 U14 ADC0_AIN3 ADC0_AIN3 I 3.3 V VDDA_CIO AnalogCIO U13 U13 ADC0_AIN4 ADC0_AIN4 I 3.3 V VDDA_CIO AnalogCIO R14 R14 ADC0_AIN5 ADC0_AIN5 I 3.3 V VDDA_CIO AnalogCIO T11 T11 ADC1_AIN0 ADC1_AIN0 I 3.3 V VDDA_CIO AnalogCIO U11 U11 ADC1_AIN1 ADC1_AIN1 I 3.3 V VDDA_CIO AnalogCIO T12 T12 ADC1_AIN2 ADC1_AIN2 I 3.3 V VDDA_CIO AnalogCIO V12 V12 ADC1_AIN3 ADC1_AIN3 I 3.3 V VDDA_CIO AnalogCIO U12 U12 ADC1_AIN4 ADC1_AIN4 I 3.3 V VDDA_CIO AnalogCIO R12 R12 ADC1_AIN5 ADC1_AIN5 I 3.3 V VDDA_CIO AnalogCIO R10 R10 ADC2_AIN0 ADC2_AIN0 I 3.3 V VDDA_CIO AnalogCIO T10 T10 ADC2_AIN1 ADC2_AIN1 I 3.3 V VDDA_CIO AnalogCIO U10 U10 ADC2_AIN2 ADC2_AIN2 I 3.3 V VDDA_CIO AnalogCIO T9 T9 ADC2_AIN3 ADC2_AIN3 I 3.3 V VDDA_CIO AnalogCIO V9 V9 ADC2_AIN4 ADC2_AIN4 I 3.3 V VDDA_CIO AnalogCIO T8 T8 ADC2_AIN5 ADC2_AIN5 I 3.3 V VDDA_CIO AnalogCIO U7 U7 ADC3_AIN0 ADC3_AIN0 I 3.3 V VDDA_CIO AnalogCIO U8 U8 ADC3_AIN1 ADC3_AIN1 I 3.3 V VDDA_CIO AnalogCIO T7 T7 ADC3_AIN2 ADC3_AIN2 I 3.3 V VDDA_CIO AnalogCIO R7 R7 ADC3_AIN3 ADC3_AIN3 I 3.3 V VDDA_CIO AnalogCIO V8 V8 ADC3_AIN4 ADC3_AIN4 I 3.3 V VDDA_CIO AnalogCIO U9 U9 ADC3_AIN5 ADC3_AIN5 I 3.3 V VDDA_CIO AnalogCIO U6 U6 ADC4_AIN0 ADC4_AIN0 I 3.3 V VDDA_CIO AnalogCIO V5 V5 ADC4_AIN1 ADC4_AIN1 I 3.3 V VDDA_CIO AnalogCIO V4 V4 ADC4_AIN2 ADC4_AIN2 I 3.3 V VDDA_CIO AnalogCIO U5 U5 ADC4_AIN3 ADC4_AIN3 I 3.3 V VDDA_CIO AnalogCIO V3 V3 ADC4_AIN4 ADC4_AIN4 I 3.3 V VDDA_CIO AnalogCIO U4 U4 ADC4_AIN5 ADC4_AIN5 I 3.3 V VDDA_CIO AnalogCIO U16 U16 ADC_CAL0 ADC_CAL0 I 3.3 V VDDA_CIO AnalogCIO T15 T15 ADC_CAL1 ADC_CAL1 I 3.3 V VDDA_CIO AnalogCIO U17 ADC_CAL2 ADC_CAL2 A 3.3 V VDDA_CIO AnalogCIO N17 ADC_CAL3 ADC_CAL3 A 3.3 V VDDA_CIO AnalogCIO T18 ADC_R0_AIN0 ADC_R0_AIN0 I 3.3 V VDDA_CIO AnalogCIO T16 ADC_R0_AIN1 ADC_R0_AIN1 I 3.3 V VDDA_CIO AnalogCIO U18 ADC_R0_AIN2 ADC_R0_AIN2 I 3.3 V VDDA_CIO AnalogCIO TI Information - Selective Disclosure www.ti.com AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81 – OCTOBER 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 15 |