| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM263P1 Datasheet(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P1 Datasheet(HTML) 24 Page - Texas Instruments |
|
24 / 154 page ![]() Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S Packages) (continued) ZCZ_C BALL NUMBER [1] ZCZ_S BALL NUMBER [1] BALL NAME [2]/ IOMUX REGISTER [14]/ ADDRESS [15]/ DEFAULT VALUE [16] SIGNAL NAME [3] MUX MODE [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] POWER [10] HYS [11] BUFFER TYPE [12] PULL TYPE [13] M1 M1 MCAN0_RX MCAN0_RX_CFG_REG 0x5310 001C 0x0000 05F7 MCAN0_RX 0 I Off / Off / Off Off / Off / Off 7 3.3 V VDDSHV0 Yes LVCMOS PU/PD SPI4_CS0 1 IO OSPI0_D4 2 IO OSPI0_DQS 6 I GPIO7 7 IO L1 L1 MCAN0_TX MCAN0_TX_CFG_REG 0x5310 0020 0x0000 05F7 MCAN0_TX 0 O Off / Off / Off Off / Off / Off 7 3.3 V VDDSHV0 Yes LVCMOS PU/PD SPI4_CLK 1 IO OSPI0_D5 2 IO OSPI0_D2 6 IO GPIO8 7 IO L2 L2 MCAN1_RX MCAN1_RX_CFG_REG 0x5310 0024 0x0000 05F7 MCAN1_RX 0 I Off / Off / Off Off / Off / Off 7 3.3 V VDDSHV0 Yes LVCMOS PU/PD SPI4_D0 1 IO OSPI0_D6 2 IO OSPI0_CLK 6 O GPIO9 7 IO K1 K1 MCAN1_TX MCAN1_TX_CFG_REG 0x5310 0028 0x0000 05F7 MCAN1_TX 0 O Off / Off / Off Off / Off / Off 7 3.3 V VDDSHV0 Yes LVCMOS PU/PD SPI4_D1 1 IO OSPI0_D7 2 IO SPI7_D1 4 IO UART1_DTRn 6 O GPIO10 7 IO EPWM13_B 10 O A12 A12 MCAN2_RX MCAN2_RX_CFG_REG 0x5310 0224 0x0000 05F7 MCAN2_RX 0 I Off / Off / Off Off / Off / Off 7 3.3 V VDDSHV0 Yes LVCMOS PU/PD UART2_RTSn 1 O GPIO137 7 IO SDFM1_D3 9 I B12 B12 MCAN2_TX MCAN2_TX_CFG_REG 0x5310 0220 0x0000 05F7 MCAN2_TX 0 O Off / Off / Off Off / Off / Off 7 3.3 V VDDSHV0 Yes LVCMOS PU/PD UART1_RTSn 1 O GPIO136 7 IO SDFM1_D2 9 I M17 MDIO0_MDC MDIO0_MDC_CFG_REG 0x5310 00A8 0x0000 05F7 MDIO0_MDC 0 O Off / Off / Off Off / Off / Off 7 3.3 V VDDSHV0 Yes LVCMOS PU/PD GPIO42 7 IO N16 MDIO0_MDIO MDIO0_MDIO_CFG_REG 0x5310 00A4 0x0000 05F7 MDIO0_MDIO 0 IO Off / Off / Off Off / Off / Off 7 3.3 V VDDSHV0 Yes LVCMOS PU/PD GPIO41 7 IO TI Information - Selective Disclosure AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81 – OCTOBER 2023 www.ti.com 24 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated |