| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM339ADE4 Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM339ADE4 Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 51 page ![]() 7.3 ESD Ratings for LM339B and LM2901B VALUE UNIT V(ESD) Electrostatic discharge Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±2000 V Human-body model (CDM), per ANSI/ESDA/JEDEC JS-002(2) ±1000 (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process 7.4 ESD Ratings, Non-B Versions VALUE UNIT V(ESD) Electrostatic discharge Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±500 V Charged-device model (CDM), per JEDEC specification JESD22-C101(2) ±750 (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 7.5 Recommended Operating Conditions for LM339B and LM2901B over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT Supply voltage: VS = (V+) – (V–) 2 36 V Ambient temperature, TA, LM339B –40 85 °C Ambient temperature, TA, LM2901B –40 125 °C Input Voltage Range, VIVR (V–) – 0.1 (V+) – 2.0 V 7.6 Recommended Operating Conditions, Non-B Versions over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage Non-V devices 2 30 V V devices 2 32 V TJ Junction temperature LM139x –55 125 °C LM239x –25 85 LM339x –0 70 LM2901x –40 125 www.ti.com LM139, LM239, LM339, LM339B, LM139A, LM239A LM339A, LM2901B, LM2901, LM2901AV, LM2901V SLCS006X – OCTOBER 1979 – REVISED OCTOBER 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 7 Product Folder Links: LM139 LM239 LM339 LM339B LM139A LM239A LM339A LM2901B LM2901 LM2901AV LM2901V |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |