| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MAX213CDB Datasheet(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MAX213CDB Datasheet(HTML) 10 Page - Texas Instruments |
|
10 / 14 page ![]() www.ti.com APPLICATION INFORMATION DOUT3 1 + – 20 DIN3 400 k Ω 5 V 21 5 k Ω 27 ROUT3 26 RIN3 28 DOUT4 5 k Ω 18 ROUT5 19 RIN5 17 + – 16 15 + – C2– C2+ DOUT1 2 400 k Ω 5 V DIN1 7 400 k Ω 5 V DIN2 6 DOUT2 3 RIN2 4 5 k Ω ROUT2 5 14 13 V+ 12 + – 11 + – GND 10 DIN4 C1+ C1– V– RIN1 9 5 k Ω ROUT1 8 24 EN 25 5 k Ω 23 ROUT4 22 RIN4 400 k Ω 5 V CBYPASS = 0.1 mF C3(1) = 0.1 mF 6.3 V C1 = 0.1 mF 6.3 V C4 = 0.1 mF 16 V C2 = 0.1 mF 16 V (1) C3 can be connected to VCC or GND. NOTES: A. Resistor values shown are nominal. B. Nonpolarized ceramic capacitors are acceptable. If polarized tantalum or electrolytic capacitors are used, they should be connected as shown. SHDN = 5 V VCC VCC MAX213 5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV ESD PROTECTION SLLS680 – DECEMBER 2005 Figure 6. Typical Operating Circuit and Capacitor Values 10 |