Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP358SL-13 Datasheet(PDF) 4 Page - Diodes Incorporated

No. de pieza AP358SL-13
Descripción Electrónicos  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP358SL-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP358SL-13 Datasheet HTML 1Page - Diodes Incorporated AP358SL-13 Datasheet HTML 2Page - Diodes Incorporated AP358SL-13 Datasheet HTML 3Page - Diodes Incorporated AP358SL-13 Datasheet HTML 4Page - Diodes Incorporated AP358SL-13 Datasheet HTML 5Page - Diodes Incorporated AP358SL-13 Datasheet HTML 6Page - Diodes Incorporated AP358SL-13 Datasheet HTML 7Page - Diodes Incorporated AP358SL-13 Datasheet HTML 8Page - Diodes Incorporated AP358SL-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AP358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
4 of 15
OCTOBER 2006
www.diodes.com
© Diodes Incorporated
Electrical Characteristics ( TA = 25
oC, V+ = +5.0V, unless otherwise stated ) (Note 7)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIO
Input Offset Voltage
TA = 25
oC, (Note 8)
-
2
7
mV
IB
Input Bias Current
IIN(+) or IIN(−), TA = 25°C,
VCM = 0V, (Note 9)
-
45
250
nA
IIO
Input Offset Current
IIN(+) - IIN(−),VCM = 0V,
TA = 25°C
-
5
50
nA
VICM
Input Common-Mode Voltage Range
V
+ = 30V, (Note 10)
TA = 25°C
0
-
V
+ -1.5
V
V
+ = 30V
-
1
2
IS
Supply Current
Over Full Temperature Range
RL = ∞ on
All Op
Amps
V
+ = 5V
-
0.5
1.2
mA
AV
Large Signal Voltage Gain
V
+ = 15V, T
A = 25°C,
RL > 2kΩ,
(For VO = 1V to 11V)
25
100
-
V/mV
CMRR
Common-Mode Rejection Ratio
TA = 25°C, VCM = 0V to
V
+ -1.5V
65
85
-
dB
PSRR
Power Supply Rejection Ratio
V
+ = 5V to 30V,
TA = 25°C
65
100
-
dB
Amplifier-to-Amplifier Coupling
f = 1KHz to 20 KHz,
TA = 25°C
(Input Referred),
(Note 11)
-
-120
-
dB
Note:
7.
The AP358 temperature specifications are limited to 0°C < TA < +70°C.
Note:
8.
VO ≅ 1.4V, RS = 0Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V to V+ -1.5V) at 25°C.
Note:
9.
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant,
independent of the state of the output so no loading change exists on the input lines.
Note:
10. The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V (at
25°C). The upper end of the common-mode voltage range is V
+ -1.5V (at 25°C), but either or both inputs can go to +32V
without damage, independent of the magnitude of V
+.
Note:
11. Due to proximity of external components, insure that coupling is not originating via stray capacitance between these
external parts. This typically can be detected as this type of capacitance increases at higher frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com