Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP358N Datasheet(PDF) 11 Page - Diodes Incorporated

No. de pieza AP358N
Descripción Electrónicos  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP358N Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP358N Datasheet HTML 7Page - Diodes Incorporated AP358N Datasheet HTML 8Page - Diodes Incorporated AP358N Datasheet HTML 9Page - Diodes Incorporated AP358N Datasheet HTML 10Page - Diodes Incorporated AP358N Datasheet HTML 11Page - Diodes Incorporated AP358N Datasheet HTML 12Page - Diodes Incorporated AP358N Datasheet HTML 13Page - Diodes Incorporated AP358N Datasheet HTML 14Page - Diodes Incorporated AP358N Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AP358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
11 of 15
OCTOBER 2006
www.diodes.com
© Diodes Incorporated
Typical Characteristics
( TA = 25
oC )
Supply Current
0
0.2
0.4
0.6
0.8
1
1.2
1.4
5V
10V
15V
20V
25V
30V
35V
Supply Voltage (V)
mA
V+
I
D
Large Signal Frequency Response
0
2
4
6
8
10
12
14
1k
10k
25K
50K
75K 100K 500K
1M
Input Frequency (Hz)
1K
V
O
100K
+7V
DC
+15
V
DC
2K
Open Loop Frequency Response
0
20
40
60
80
100
120
Input Frequency (Hz)
V
+=30V
V
+=15V
V+
0.1
V
O
10M
V+/2
V
IN
µF
Current Limit
0
10
20
30
40
50
60
-40
0
25
41
60
80
100
125
Temperature (
oC)
I
O
+
Voltage Follower Pulse Response
Voltage Follower Pulse Response (Small Signal)
T
A=25
oC
R
L > 2.0K
V+ = 15V
DC
e
O
50pF
e
in
T
A = +25
oC
V+ = +30V
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com