| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM324ADE4 Datasheet(PDF) 27 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM324ADE4 Datasheet(HTML) 27 Page - Texas Instruments |
|
27 / 55 page ![]() 9 Device and Documentation Support 9.1 Receiving Notification of Documentation Updates To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on Notifications to register and receive a weekly digest of any product information that has changed. For change details, review the revision history included in any revised document. 9.2 Support Resources TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight from the experts. Search existing answers or ask your own question to get the quick design help you need. Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of Use. 9.3 Trademarks TI E2E™ is a trademark of Texas Instruments. All trademarks are the property of their respective owners. 9.4 Electrostatic Discharge Caution This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. 9.5 Glossary TI Glossary This glossary lists and explains terms, acronyms, and definitions. 10 Revision History NOTE: Page numbers for previous revisions may differ from page numbers in the current version. Changes from Revision AA (September 2023) to Revision AB (November 2023) Page • Changed the status of LM324BA and LM2902BA from: preview to: active........................................................1 Changes from Revision Z (April 2023) to Revision AA (September 2023) Page • Removed preview note from TSSOP-14 BA devices in Device Information table..............................................1 • Changed the format of the Package Information table to include package lead size.........................................1 Changes from Revision Y (October 2022) to Revision Z (April 2023) Page • Added WQFN-16 package in the Package Information table.............................................................................1 • Added WQFN-16 package details to Pin Configuration and Functions section................................................. 3 • Added additional graphs for LM324Bx and LM2902Bx to Typical Characteristics .......................................... 14 Changes from Revision X (May 2022) to Revision Y (October 2022) Page • Removed preview note from TSSOP-14 B devices in Device Information table................................................ 1 • Updated Description information........................................................................................................................ 1 • Updated LM324B and LM324BA Electrical Characteristics table for RTM revision........................................... 7 • Updated LM2902B and LM2902BA Electrical Characteristics table for RTM revision....................................... 9 • Added graphs for LM324Bx and LM2902Bx to Typical Characteristics ...........................................................14 Changes from Revision W (March 2015) to Revision X (May 2022) Page • Updated Features to include the B and BA versions..........................................................................................1 • Added application links to Applications section.................................................................................................. 1 www.ti.com LM124, LM124A, LM224, LM224A, LM224K, LM224KA LM324, LM324A, LM324B, LM324BA, LM324K, LM324KA LM2902, LM2902B, LM2902BA, LM2902K, LM2902KV, LM2902KAV SLOS066AB – SEPTEMBER 1975 – REVISED NOVEMBER 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 27 Product Folder Links: LM124 LM124A LM224 LM224A LM224K LM224KA LM324 LM324A LM324B LM324BA LM324K LM324KA LM2902 LM2902B LM2902BA LM2902K LM2902KV LM2902KAV |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |