Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EMC6D103S Datasheet(PDF) 78 Page - SMSC Corporation

No. de pieza EMC6D103S
Descripción Electrónicos  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SMSC [SMSC Corporation]
Página de inicio  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103S Datasheet(HTML) 78 Page - SMSC Corporation

Back Button EMC6D103S Datasheet HTML 74Page - SMSC Corporation EMC6D103S Datasheet HTML 75Page - SMSC Corporation EMC6D103S Datasheet HTML 76Page - SMSC Corporation EMC6D103S Datasheet HTML 77Page - SMSC Corporation EMC6D103S Datasheet HTML 78Page - SMSC Corporation EMC6D103S Datasheet HTML 79Page - SMSC Corporation EMC6D103S Datasheet HTML 80Page - SMSC Corporation EMC6D103S Datasheet HTML 81Page - SMSC Corporation EMC6D103S Datasheet HTML 82Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 84 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
Revision 0.2 (06-14-06)
78
SMSC EMC6D103S
DATASHEET
Chapter 9 Timing Diagrams
9.1
PWM Outputs
The following section shows the timing for the PWM[1:3] outputs.
Figure 9.1 PWMx Output Timing
Note 9.2
This value is programmable by the PWM frequency bits located in the FRFx registers.
Note 9.3
The PWM High Time is based on a percentage of the total PWM period (min=0/256*TPWM,
max =255/256*TPWM). During Spin-up the PWM High Time can reach a 100% or Full On.
(TPWM = t1).
Table 9.1 Timing for PWM[1:3] Outputs
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
PWM Period (Note 9.2)
0.04
90.9
msec
t2
PWM High Time (Note 9.3)
0
99.6
%
t1
t2
FANx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com