Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L78M08CDT-1 Datasheet(PDF) 18 Page - STMicroelectronics

No. de pieza L78M08CDT-1
Descripción Electrónicos  Positive voltage regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M08CDT-1 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L78M08CDT-1 Datasheet HTML 14Page - STMicroelectronics L78M08CDT-1 Datasheet HTML 15Page - STMicroelectronics L78M08CDT-1 Datasheet HTML 16Page - STMicroelectronics L78M08CDT-1 Datasheet HTML 17Page - STMicroelectronics L78M08CDT-1 Datasheet HTML 18Page - STMicroelectronics L78M08CDT-1 Datasheet HTML 19Page - STMicroelectronics L78M08CDT-1 Datasheet HTML 20Page - STMicroelectronics L78M08CDT-1 Datasheet HTML 21Page - STMicroelectronics L78M08CDT-1 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Package mechanical data
L78M00 series
18/30
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30