| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DDZ8V2CS Datasheet(PDF) 1 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DDZ8V2CS Datasheet(HTML) 1 Page - Diodes Incorporated |
|
1 / 6 page ![]() Pb Lead-free DS30414 Rev. 4 - 2 1 of 6 DDZ5V1BS - DDZ43S www.diodes.com ã Diodes Incorporated · Very Sharp Breakdown Characteristics · Very Tight Tolerance on VZ · Ideally Suited for Automated Assembly Processes · Very Low Leakage Current · Lead Free By Design/RoHS Compliant (Note 7) Features Maximum Ratings @ TA = 25 °C unless otherwise specified Characteristic Symbol Value Unit Forward Voltage @ IF = 10mA VF 0.9 V Operating and Storage Temperature Range Tj, TSTG -65 to +150 °C Mechanical Data DDZ5V1BS - DDZ43S SURFACE MOUNT PRECISION ZENER DIODE A B C D E G H J · Case: SOD-323 · Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 · Moisture sensitivity: Level 1 per J-STD-020C · Terminals: Finish - Matte Tin annealed over Alloy 42 leadframe. Solderable per MIL-STD-202, Method 208 · Polarity: Cathode Band · Marking & Type Code Information: See Electrical Specifications Table · Ordering Information: See Last Page · Weight: 0.004 grams (approximate) SOD-323 Dim Min Max A 2.30 2.70 B 1.60 1.80 C 1.20 1.40 D 1.05 Typical E 0.25 0.35 G 0.20 0.40 H 0.10 0.15 J 0.05 Typical a 0 ° 8 ° All Dimensions in mm Notes: 1. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. Characteristic Symbol Value Unit Power Dissipation (Note 1) Pd 200 mW Thermal Resistance, Junction to Ambient Air (Note 1) RqJA 625 °C/W Thermal Characteristics @ TA = 25°C unless otherwise specified SPICE MODEL: DDZ5V1BS DDZ5V6BS DDZ6V2BS DDZ6V8CS DDZ7V5CS DDZ8V2CS DDZ9V1CS DDZ10CS DDZ11CS DDZ12CS DDZ13BS DDZ14S DDZ15S DDZ16S DDZ18CS DDZ20CS DDZ22DS DDZ24CS DDZ27DS DDZ30DS DDZ33S DDZ36S DDZ39FS DDZ43S |
Número de pieza similar - DDZ8V2CS |
|
Descripción similar - DDZ8V2CS |