| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DL162 Datasheet(PDF) 75 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
DL162 Datasheet(HTML) 75 Page - Advanced Micro Devices |
|
75 / 128 page ![]() 10 Am42DL16x2D February 6, 2004 DEVICE BUS OPERATIONS This section describes the requirements and use of the device bus operations, which are initiated through the internal command register. The command register itself does not occupy any addressable memory loca- tion. T he r egis ter is a l a tch us ed to s t ore th e commands, along with the address and data informa- tion needed to execute the command. The contents of the register serve as inputs to the internal state ma- chine. The state machine outputs dictate the function of the device. Table 1 lists the device bus operations, the inputs and control levels they require, and the re- sulting output. The following subsections describe each of these operations in further detail. |