| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC14-2C310-R21-1123 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
TC14-2C310-R21-1123 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd. |
|
1 / 3 page ![]() 1 Product Segments • Care Motion • Comfort Motion TC14 series General Features Number of motors 1~4 IP rating IP66 Options Wireless module (optional) Input voltage 24V DC Certificate IEC60601-1, ES60601-1, IEC60601-1-2, UL962 Color Grey Operational temperature range +5°C~+45°C |
Número de pieza similar - TC14-2C310-R21-1123 |
|
Descripción similar - TC14-2C310-R21-1123 |