| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IMX7DCEC Datasheet(PDF) 27 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX7DCEC Datasheet(HTML) 27 Page - NXP Semiconductors |
|
27 / 161 page ![]() Electrical characteristics i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023 NXP Semiconductors 27 VDDA_1P8_IN From PMIC — 1501 mA VDD_SNVS_IN From PMIC or Coin cell — 1 mA VDD_XTAL_1P8 From PMIC — 5 mA VDD_LPSR_IN From PMIC — 5 mA VDD_TEMPSENSOR_1P8 From PMIC — 1 mA VDDA_ADC1_1P8 From PMIC — 5 mA VDDA_ADC2_1P8 From PMIC — 5 mA FUSE_FSOURCE From PMIC — 150 mA VDD_MIPI_1P0 From i.MX 7 internal LDO — 80 mA PCIE_VP From i.MX 7 internal LDO — 70 mA PCIE_VP_RX From i.MX 7 internal LDO — 35 mA PCIE_VP_TX From i.MX 7 internal LDO — 35 mA PCIE_VPH From i.MX 7 internal LDO — 25 mA PCIE_VPH_RX From i.MX 7 internal LDO — 15 mA PCIE_VPH_TX From i.MX 7 internal LDO — 15 mA NVCC_GPIO1 From PMIC N=12 Use max IO equation2 mA NVCC_GPIO2 From PMIC N=14 mA NVCC_SD2 From PMIC N=9 mA NVCC_SD3 From PMIC N=12 mA NVCC_SD1 From PMIC N=9 mA NVCC_ENET1 From PMIC N=16 mA NVCC_EPDC1 From PMIC N=16 mA NVCC_EPDC2 From PMIC N=17 mA NVCC_SAI From PMIC N=11 mA NVCC_LCD From PMIC N=29 mA NVCC_SPI From PMIC N=8 mA NVCC_ECSPI From PMIC N=8 mA NVCC_I2C From PMIC N=8 mA NVCC_UART From PMIC N=8 mA VDD_USB_OTG1_3P3_IN From PMIC — 50 mA VDD_USB_OTG2_3P3_IN From PMIC — 50 mA VDD_USB_H_1P2 From i.MX 7 internal LDO — 20 mA VDDA_MIPI_1P8 From i.MX 7 internal LDO — 5 mA Table 12. Maximum supply currents(continued) Power Rail Source Conditions Max Current Unit |