Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

JVT10N080L85YAW Datasheet(PDF) 2 Page - RFE international

No. de pieza JVT10N080L85YAW
Descripción Electrónicos  METAL OXIDE VARISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RFE [RFE international]
Página de inicio  http://www.rfeinc.com
Logo RFE - RFE international

JVT10N080L85YAW Datasheet(HTML) 2 Page - RFE international

  JVT10N080L85YAW Datasheet HTML 1Page - RFE international JVT10N080L85YAW Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
METAL OXIDE VARISTOR
JVR Series - Lead Style & Dimensions
LEAD STYLES & DIMENSIONS (mm)
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
Page 2 of 2
Diameter
5mm
7mm
10mm
14mm
20mm
D max
7.5
9.0
12.5
16.5
23.0
d ± 0.05
0.6
0.6
0.8
0.8
1.0
F ± 1.0
5.0
5.0
7.5
7.5
10.0
H max.
11.0
13.0
18/*19
22/*23
28/*29
L1 max.
25.0
25.0
25.0
25.0
25.0
L min.
24.0
24.0
24.0
24.0
24.0
* Just for 182K
H1
H1
Table of T & H1 max, A ± 0.8
Diameter
Value
T
A
H1
T
A
H1
T
A
H1
T
A
H1
T
A
H1
180M
4.5
0.8
10.5
4.5
0.8
12
4.9
0.8
15.5
5
0.9
19.5
---
---
---
220M/L
4.5
0.9
10.5
4.5
0.9
12
4.9
0.9
15.5
5
1
19.5
5.3
1
26.5
270M/K
4.7
0.9
10.5
4.7
0.9
12
5.1
0.9
15.5
5.2
1.1
19.5
5.4
1.1
26.5
330M/K
4.7
1
10.5
4.7
1
12
5.1
1
15.5
5.2
1.2
19.5
5.4
1.2
26.5
390L/K
4.7
1.2
10.5
4.7
1.2
12
5.1
1.2
15.5
5.2
1.4
19.5
5.4
1.4
26.5
470L/K
5
1.2
10.5
5
1.2
12
5.5
1.2
15.5
5.6
1.4
19.5
5.6
1.4
26.5
560L/K
5
1.4
10.5
5
1.4
12
5.5
1.4
15.5
5.6
1.6
19.5
5.6
1.6
26.5
680L/K
5.5
1.7
10.5
5.5
1.7
12
6
1.7
15.5
6.1
1.9
19.5
6.1
1.9
26.5
820K
3.8
0.8
10.5
3.8
0.8
12
4.3
0.8
15.5
4.4
1
19.5
5
1.1
26.5
101K
3.9
0.8
10.5
3.9
0.8
12
4.4
0.8
15.5
4.5
1
19.5
5.1
1.2
26.5
121K
4.1
0.9
10.5
4.1
0.9
12
4.5
0.9
15.5
4.6
1.1
19.5
5.3
1.3
26.5
151K
4.5
1.2
10.5
4.5
1.2
12
4.9
1.2
15.5
5.1
1.4
19.5
5.6
1.6
26.5
181K
4.1
1
10.5
4.1
1
12
4.5
1
15.5
4.7
1.2
19.5
5.2
1.4
26.5
201K
4.2
1
10.5
4.2
1
12
4.6
1
15.5
4.8
1.2
19.5
5.3
1.47
26.5
221K
4.3
1.1
10.5
4.3
1.1
12
4.7
1.1
15.5
4.9
1.3
19.5
5.4
1.5
26.5
241K
4.4
1.1
10.5
4.4
1.3
12
4.8
1.3
15.5
5
1.5
19.5
5.5
1.7
26.5
271K
4.6
1.3
10.5
4.6
1.4
12
5
1.4
15.5
5.2
1.5
19.5
5.7
1.9
26.5
301K
4.8
1.3
10.5
4.8
1.5
12
5.2
1.6
15.5
5.4
1.7
19.5
5.9
2.1
26.5
331K
4.9
1.3
10.5
4.9
1.5
12
5.3
1.6
15.5
5.5
1.7
19.5
6
2.1
26.5
361K
5.1
1.8
10.5
5.1
1.9
12
5.5
1.9
15.5
5.7
2.1
19.5
6.2
2.3
26.5
391K
5.3
2
11
5.3
2
12.5
5.7
2.2
16
5.9
2.2
20
6.4
2.4
26.5
431K
6.1
2.1
11
6.1
2
12.5
6.5
2.5
16
6.7
2.5
20
7.2
2.7
26.5
471K
6.4
2.2
11
6.4
2.3
12.5
6.8
2.6
16
7
2.7
20
7.5
2.9
27
511K
6.6
2.5
11.5
6.6
2.5
13
7
3.1
16.5
7.2
3.1
20.5
7.7
3.3
27
561K
6.9
2.8
11.5
6.9
2.8
13
7.3
3.4
16.5
7.5
3.4
20.5
8
3.6
27
621K
7.2
3.1
11.5
7.2
3.1
13
7.6
4
16.5
7.8
3.8
20.5
8.3
4.1
27
681K
7.5
3.4
11.5
7.5
3.4
13
8
4.4
16.5
8.2
4.1
20.5
8.7
4.4
27
751K
7.9
3.7
11.5
7.9
3.7
13
8.4
4.4
16.5
8.6
4.3
20.5
9.1
4.5
27
781K
---
---
---
8.1
3.9
13
8.6
4.6
16.5
8.8
4.6
20.5
9.3
4.8
27
821K
---
---
---
8.3
4.1
13
8.8
4.6
16.5
9
4.6
20.5
9.5
4.8
27
911K
---
---
---
---
---
---
9.4
5.4
16.5
9.6
5.4
20.5
10.1
5.7
27
102K
---
---
---
---
---
---
9.9
5.4
16.5
10.1
5.6
20.5
10.7
5.8
27
112K
---
---
---
---
---
---
10.5
5.7
16.5
10.7
6.1
20.5
11.2
6.3
27
122K
---
---
---
---
---
---
10.9
6.3
17
10.9
6.7
21
11.3
6.9
27.5
142K
---
---
---
---
---
---
11.9
7.4
17.5
11.9
7.8
21.5
12.8
8
28
162K
---
---
---
---
---
---
13.1
8.6
18
13.1
9
22
13.7
9.2
28.5
182K
---
---
---
---
---
---
14.3
9.8
18.5
14.3
10.2
22.5
14.7
10.4
29
5mm
7mm
10mm
14mm
20mm
C5BA05
2019.09.05
Stand-off Formed
(Y Type)
Straight Lead
(P Type)



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com