Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ST12100C Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

No. de pieza ST12100C
Descripción Electrónicos  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SMCDIODE [SMC Diode Solutions Co. LTD]
Página de inicio  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

ST12100C Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  ST12100C Datasheet HTML 1Page - SMC Diode Solutions Co. LTD ST12100C Datasheet HTML 2Page - SMC Diode Solutions Co. LTD ST12100C Datasheet HTML 3Page - SMC Diode Solutions Co. LTD ST12100C Datasheet HTML 4Page - SMC Diode Solutions Co. LTD ST12100C Datasheet HTML 5Page - SMC Diode Solutions Co. LTD ST12100C Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data
Data Sheet N1042, Rev. B
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
ST12100C
STB12100C
STD12100C
STF12100C
* Pulse width < 300 µs, duty cycle < 2%
Characteristics
Symbol
ST12100C
STB12100C
STD12100C STF12100C Units
Junction Temperature
TJ
-55 to +150
C
Storage Temperature
Tstg
-55 to +150
C
Typical Thermal Resistance Junction to
Case(Per Leg)
RJC
3.0
3.0
2.4
5.5
C/W
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max. Units
Forward Voltage Drop(Per Leg)*
VF1
@ 3A, Pulse, TJ = 25 C
@ 6A, Pulse, TJ = 25 C
0.56
0.65
-
0.75
V
VF2
@ 3A, Pulse, TJ = 125 C
@ 6A, Pulse, TJ = 125 C
0.48
0.57
-
0.66
V
Reverse Current(Per Leg)*
IR1
@VR = rated VR
TJ = 25℃
-
0.15
mA
IR2
@VR = rated VR
TJ = 125℃
3
25
mA
Thermal-Mechanical Specifications:
Tube Specification
Tube Specification(TO-220AB/ITO-220AB)
Device
Package
Weight
Shipping
ST12100C
TO-220AB
2.0
50pcs / tube
STB12100C
D²PAK
1.85
800pcs / reel
STD12100C
DPAK
0.39
2500pcs / reel
STF12100C
ITO-220AB
2.0
50pcs / tube



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com