Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STF860 Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

No. de pieza STF860
Descripción Electrónicos  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SMCDIODE [SMC Diode Solutions Co. LTD]
Página de inicio  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

STF860 Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  STF860 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD STF860 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD STF860 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD STF860 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD STF860 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD STF860 Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data
Data Sheet N1414, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
ST860
STB860
STD860
STF860
* Pulse width < 300 µs, duty cycle < 2%
Characteristics
Symbol
ST860
STB860
STD860
STF860
Units
Junction Temperature
TJ
-55 to +150
C
Storage Temperature
Tstg
-55 to +150
C
Typical Thermal Resistance
Junction to Case
RJC
3
3
2.4
6
C/W
Case Style
TO-220AC/ D2PAK/ DPAK/ ITO-220AC
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop*
VF1
@ 8A, Pulse, TJ = 25 C
-
0.70
V
VF2
@ 8A, Pulse, TJ = 125 C
-
0.60
V
Reverse Current*
IR1
@VR = rated VR
TJ = 25 C
-
1.12
mA
IR2
@VR = rated VR
TJ = 125 C
-
40
mA
Thermal-Mechanical Specifications:
Tube Specification
Tube Specification(TO-220AC/ITO-220AC)
Device
Package
Weight
Shipping
ST860
TO-220AC
1.6g
50pcs / tube
STB860
D²PAK
1.85g
800pcs / reel
STD860
DPAK
0.39g
2500pcs / reel
STF860
ITO-220AC
1.6g
50pcs / tube



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com