Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RC016 Datasheet(PDF) 1 Page - STEGO Elektrotechnik GmbH

No. de pieza RC016
Descripción Electrónicos  SMALL SEMICONDUCTOR HEATER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STEGO [STEGO Elektrotechnik GmbH]
Página de inicio  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

RC016 Datasheet(HTML) 1 Page - STEGO Elektrotechnik GmbH

  RC016 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
STEGO - PRODUCT CATALOGUE
These small heaters are designed to prevent condensation and to ensure a minimum operating temperature in
small enclosures. The heaters are designed for permanent operation.
> Wide voltage range
> Dynamic heating up
> Energy saving
> Compact
Example of connection
Thermostat
KTO 011 (NC)
Heater RC 016
TECHNICAL DATA
Operating voltage
AC/DC 120 – 240 V¹ (min. 110 V, max. 265 V)
Heating element
PTC resistor – temperature limiting
Heater body
aluminium, anodised
Mounting
screw fixing
Fitting position
variable
Operating/Storage temperature
-45 to +70 °C (-49 to +158 °F)
Operating/Storage humidity
max. 90 % RH (non-condensing)
Protection type/Protection class
IP54 / II (double insulated)
Approvals
VDE, UL File No. E150057 (according to UL 508A, NITW File on
request), EAC
Note
other voltages on request
¹ Operating with voltages below AC/DC 140 V reduces heating performance by approx. 10 %.
Art. No.
Heating capacity²
Inrush current max.
Recommended pre-fuse T (time-delay)
Surface temperature (approx.)
Connection
Weight (approx.)
01602.0-00
8 W
2.0 A
2.0 A
+150 °C
2 x AWG 18 stranded wire
20 g
01609.0-00
10 W
2.5 A
4.0 A
+155 °C
2 x AWG 22 cable (silicone)
30 g
01610.0-00
13 W
3.0 A
4.0 A
+170 °C
2 x AWG 22 cable (silicone)
40 g
² at +20 °C (+68 °F) ambient temperature
SMALL SEMICONDUCTOR HEATER
RC 016 | 8 W, 10 W, 13 W
Art. No. 01602.0-00
Art. No. 01609.0-00
Art. No. 01610.0-00
HEATING
15
TECHNICAL DATASHEET


Número de pieza similar - RC016

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
RC01600223-DE OMRON-RC01600223-DE Datasheet
2Mb / 20P
Born to drive machines
RC01600223-RE OMRON-RC01600223-RE Datasheet
2Mb / 20P
Born to drive machines
logo
Solid States Devices, I...
RC0160C SSDI-RC0160C Datasheet
187Kb / 2P
HYPER FAST RECOVERY RECTIFIER
RC0160C SSDI-RC0160C_15 Datasheet
187Kb / 2P
HYPER FAST RECOVERY RECTIFIER
RC0161A SSDI-RC0161A Datasheet
137Kb / 2P
SMD HyperFast Rectifier Low Forward Voltage
More results

Descripción similar - RC016

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STEGO Elektrotechnik Gm...
CR027 STEGO-CR027 Datasheet
204Kb / 1P
SEMICONDUCTOR FAN HEATER
19.03.2019
CS028 STEGO-CS028 Datasheet
698Kb / 1P
COMPACT SEMICONDUCTOR FAN HEATER
05.03.2020
CS032 STEGO-CS032 Datasheet
210Kb / 2P
HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
25.01.2021
CS060 STEGO-CS060 Datasheet
269Kb / 1P
TOUCH-SAFE HEATER (SEMICONDUCTOR)
19.03.2019
CSF028 STEGO-CSF028 Datasheet
663Kb / 1P
COMPACT SEMICONDUCTOR FAN HEATER
05.03.2020
CSF060 STEGO-CSF060 Datasheet
217Kb / 1P
TOUCH-SAFE HEATER (SEMICONDUCTOR)
19.03.2019
CSK060 STEGO-CSK060 Datasheet
159Kb / 1P
TOUCH-SAFE SMALL HEATER (SEMICONDUCTOR)
22.01.2021
HG140 STEGO-HG140 Datasheet
151Kb / 1P
SEMICONDUCTOR HEATER
19.03.2019
HGK047 STEGO-HGK047 Datasheet
161Kb / 1P
SMALL SEMICONDUCTOR HEATER
24.08.2020
RCE016 STEGO-RCE016 Datasheet
150Kb / 1P
SMALL SEMICONDUCTOR HEATER
28.08.2020
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com