Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2N2432 Datasheet(PDF) 1 Page - Microsemi Corporation

No. de pieza 2N2432
Descripción Electrónicos  NPN SILICON LOW POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2432 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N2432 Datasheet HTML 1Page - Microsemi Corporation 2N2432 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN SILICON LOW POWER TRANSISTOR
Qualified per MIL-PRF-19500/313
Devices
Qualified Level
2N2432
2N2432A
JAN
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol
2N2432
2N2432A
Unit
Collector-Emitter Voltage
VCEO
30
45
Vdc
Collector-Base Voltage
VCBO
30
45
Vdc
Emitter-Collector Voltage
VECO
15
18
Vdc
Collector Current
IC
100
mAdc
Total Power Dissipation
@ TA = +25
0C (1)
@ TC = +25
0C (2)
PT
300
600
mW
mW
Operating & Storage Junction Temp. Range
Tstg
TJ
-65 to +200
-65 to +175
0C
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
0.25
mW/
0C
1) Derate linearly 2.0 mW/
0C above TA > +250C
2) Derate linearly 4.0 mW/
0C above TC > +250C
TO- 18*
(TO-206AA)
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Emitter-Collector Breakdown Voltage
IE = 100 µAdc, IB = 0
2N2432
2N2432A
IE = 10 mAdc, IB = 0
Both
V(BR)ECO
15
18
10
Vdc
Collector-Emitter Breakdown Current
IC = 10 mAdc
2N2432
2N2432A
V(BR)CEO
30
45
Vdc
Collector-Emitter Cutoff Current
VCB = 25 Vdc
2N2432
VCB = 40 Vdc
2N2432A
ICES
10
10
ηAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Número de pieza similar - 2N2432

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
2N2432 SEME-LAB-2N2432 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package
logo
New Jersey Semi-Conduct...
2N2432A NJSEMI-2N2432A Datasheet
191Kb / 1P
20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
More results

Descripción similar - 2N2432

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
2N930 MICROSEMI-2N930 Datasheet
67Kb / 2P
NPN LOW POWER SILICON TRANSISTOR
2N718A MICROSEMI-2N718A Datasheet
59Kb / 2P
NPN LOW POWER SILICON TRANSISTOR
2N2484 MICROSEMI-2N2484_1 Datasheet
56Kb / 2P
NPN SILICON LOW POWER TRANSISTOR
logo
Advanced Semiconductor
MRF8372 ASI-MRF8372 Datasheet
27Kb / 1P
NPN SILICON LOW POWER TRANSISTOR
REV. A
logo
Microsemi Corporation
2N3439 MICROSEMI-2N3439_1 Datasheet
106Kb / 2P
NPN LOW POWER SILICON TRANSISTOR
2N2484UA MICROSEMI-2N2484UA Datasheet
51Kb / 2P
NPN SILICON LOW POWER TRANSISTOR
JANS2N3440 MICROSEMI-JANS2N3440 Datasheet
312Kb / 6P
NPN LOW POWER SILICON TRANSISTOR
JANTX2N918 MICROSEMI-JANTX2N918 Datasheet
186Kb / 4P
NPN LOW POWER SILICON TRANSISTOR
JAN2N3440 MICROSEMI-JAN2N3440 Datasheet
312Kb / 6P
NPN LOW POWER SILICON TRANSISTOR
JAN2N2484 MICROSEMI-JAN2N2484 Datasheet
51Kb / 2P
NPN SILICON LOW POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com