| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISL9012IRGCZ Datasheet(PDF) 2 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
ISL9012IRGCZ Datasheet(HTML) 2 Page - Intersil Corporation |
|
2 / 11 page ![]() 2 FN9220.2 May 8, 2006 Ordering Information PART NUMBER (Notes 1, 2, 3) PART MARKING VO1 VOLTAGE (V) VO2 VOLTAGE (V) TEMP RANGE (°C) PACKAGE (Pb-free) PKG. DWG. # ISL9012IRNNZ DCTA 3.3 3.3 -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9012IRNJZ DAPA 3.3 2.8 -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9012IRNFZ DARA 3.3 2.5 -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9012IRMNZ DCYA 3.0 3.3 -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9012IRMMZ DAAK 3.0 3.0 -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9012IRMGZ DCBC 3.0 2.7 -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9012IRLLZ DAAJ 2.9 2.9 -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9012IRKKZ DASA 2.85 2.85 -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9012IRKJZ DATA 2.85 2.8 -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9012IRKFZ DAVA 2.85 2.5 -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9012IRKCZ DAAB 2.85 1.8 -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9012IRJNZ DCBD 2.8 3.3 -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9012IRJMZ DAAH 2.8 3.0 -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9012IRJRZ DAAG 2.8 2.6 -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9012IRJCZ DAAF 2.8 1.8 -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9012IRJBZ DAWA 2.8 1.5 -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9012IRGCZ DAAE 2.7 1.8 -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9012IRFJZ DAYA 2.5 2.8 -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9012IRFDZ DCBK 2.5 2.0 -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9012IRFCZ DCBL 2.5 2.0 -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9012IRPLZ DAAD 1.85 2.9 -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9012IRCJZ DCBN 1.8 2.8 -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9012IRCCZ DCBP 1.8 1.8 -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9012IRBJZ DAAC 1.5 2.8 -40 to +85 10 Ld 3x3 DFN L10.3x3C NOTES: 1. Add -T to part number for tape and reel. 2. For other output voltages, contact Intersil Marketing. 3. Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. ISL9012 |