Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H2F Datasheet(PDF) 1 Page - Zemic Europe B.V.

No. de pieza H2F
Descripción Electrónicos  Type H2F Load Cell
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZEMIC [Zemic Europe B.V.]
Página de inicio  https://www.zemiceurope.com/en
Logo ZEMIC - Zemic Europe B.V.

H2F Datasheet(HTML) 1 Page - Zemic Europe B.V.

  H2F Datasheet HTML 1Page - Zemic Europe B.V. H2F Datasheet HTML 2Page - Zemic Europe B.V. H2F Datasheet HTML 3Page - Zemic Europe B.V. H2F Datasheet HTML 4Page - Zemic Europe B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type H2F Load Cell
Specifications and dimensions are subject to change without notice and do not constitute any liability whatsoever.
Zemic Europe B.V.
T: +31 76 50 39480
Nr. 2021.06 H2F Rev7
info@zemic.nl
Page 1/4
www.zemiceurope.com
Short Description
• Nickel plated alloy steel IP67 spoke type load cell
• High accuracy
• Suitable for hanging, hopper and
other electronic weighing devices
Available Models
Capacity
Accuracy
Full Article Description
1t
C1/C2/C3
H2F-C1/C2/C3-1t-3T6
2t
C1/C2/C3
H2F-C1/C2/C3-2t-3T6
3t
C1/C2/C3
H2F-C1/C2/C3-3t-3T6
5t
C1/C2
H2F-C1/C2-5t-4T6
10t
C1
H2F-C1-10t-4T6
10t
C2
H2F-C2-10t-5T6
15t
C1
H2F-C1-15t-5T6
20t
C1
H2F-C1-20t-5T6
30t
C1
H2F-C1-30t-5T6
50t
C1
H2F-C1-50t-5T6


Descripción similar - H2F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
65040 VISHAY-65040 Datasheet
352Kb / 3P
Double-Ended Shear Beam Load Cell
06-Jul-04
logo
List of Unclassifed Man...
PCI-9524 ETC2-PCI-9524 Datasheet
266Kb / 2P
24-Bit Precision Load Cell Input Card
logo
TE Connectivity Ltd
FX29 TEC-FX29 Datasheet
698Kb / 15P
Compact Compression Load Cell
logo
SparkFun Electronics
SEN-13332 SPARKFUN-SEN-13332 Datasheet
90Kb / 2P
Load Cell - 200kg, Disc (TAS606)
9??8??7
SEN-3331 SPARKFUN-SEN-3331 Datasheet
95Kb / 2P
Load Cell - 50kg, Disc (TAS606)
9??8??7
HX711 SPARKFUN-HX711 Datasheet
471Kb / 10P
Load Cell Amplifier HX711 Breakout Hookup Guide
9/9/2016
logo
G.M. International
D6263 GMI-D6263 Datasheet
137Kb / 2P
SIL2 Load Cell/Strain Gauge Bridge Repeater
D6264 GMI-D6264 Datasheet
148Kb / 2P
SIL2 Load Cell/Strain Gauge Bridge Converter
logo
KISTLER INSTRUMENT CORP...
9212M KISTLER-9212M Datasheet
242Kb / 2P
Quartz Load Cell High Impedance Load Cell
logo
Zemic Europe B.V.
B9C ZEMIC-B9C Datasheet
488Kb / 4P
Type B9C Load Cell
Rev6
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com