| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM339LVRTER Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM339LVRTER Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 66 page ![]() 5.5 Thermal Information, LM393LV THERMAL METRIC (1) LM393LV UNIT D (SOIC) PW (TSSOP) DGK (VSSOP) DSG (WSON) DDF (SOT-23) 8 PINS 8 PINS 8 PINS 8 PINS 8 PINS RqJA Junction-to-ambient thermal resistance 167.7 221.7 215.8 175.2 240.0 °C/W RqJC(top) Junction-to-case (top) thermal resistance 107.0 109.1 105.2 178.1 151.0 °C/W RqJB Junction-to-board thermal resistance 111.2 152.5 137.5 139.5 157.0 °C/W yJT Junction-to-top characterization parameter 53.1 36.4 39.6 47.2 32.8 °C/W yJB Junction-to-board characterization parameter 110.4 150.7 135.9 138.9 155.4 °C/W RqJC(bot) Junction-to-case (bottom) thermal resistance – – – 127.3 – °C/W (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report. 5.6 Thermal Information, LM339LV THERMAL METRIC(1) LM339LV UNIT D (SOIC) PW (TSSOP) RTE (WQFN) DYY (SOT-23) 14 PINS 14 PINS 16 PINS 14 PINS RqJA Junction-to-ambient thermal resistance 136.0 155.0 134.1 211.1 °C/W RqJC(top) Junction-to-case (top) thermal resistance 91.2 82.0 122.6 121.1 °C/W RqJB Junction-to-board thermal resistance 92.0 98.5 109.3 120.4 °C/W yJT Junction-to-top characterization parameter 46.9 25.7 30.9 22.3 °C/W yJB Junction-to-board characterization parameter 91.6 97.6 108.3 120.1 °C/W RqJC(bot) Junction-to-case (bottom) thermal resistance – – 98.7 – °C/W (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report. www.ti.com TL331LV, TL391LV, LM393LV, LM339LV SNOSDA4D – JUNE 2020 – REVISED NOVEMBER 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 7 Product Folder Links: TL331LV TL391LV LM393LV LM339LV |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |