Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PCD3354AH Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza PCD3354AH
Descripción Electrónicos  8-bit microcontrollers with DTMF generator and 256 bytes EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3354AH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCD3354AH Datasheet HTML 3Page - NXP Semiconductors PCD3354AH Datasheet HTML 4Page - NXP Semiconductors PCD3354AH Datasheet HTML 5Page - NXP Semiconductors PCD3354AH Datasheet HTML 6Page - NXP Semiconductors PCD3354AH Datasheet HTML 7Page - NXP Semiconductors PCD3354AH Datasheet HTML 8Page - NXP Semiconductors PCD3354AH Datasheet HTML 9Page - NXP Semiconductors PCD3354AH Datasheet HTML 10Page - NXP Semiconductors PCD3354AH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
1996 Dec 18
7
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF
generator and 256 bytes EEPROM
PCA3354C; PCD3354A
6
FREQUENCY GENERATOR
A versatile frequency generator section with built-in
programmable clock divider is provided (see Fig.3).
The clock divider allows the DTMF section to run either
with the main clock frequency (fDTMF =fxtal) or with a third
of it (fDTMF = 13 × fxtal) depending on the state of the divider
control bit DIV3 (see Table 5). The frequency generator
includes precision circuitry for dual tone multifrequency
(DTMF) signals, which is typically used for tone dialling
telephone sets.
The TONE output can alternatively issue twelve modem
frequencies for data rates between 300 and 1200 bits/s.
In addition to DTMF and modem frequencies, two octaves
of musical scale in steps of semitones are available. Their
frequencies are provided either in purely sinusoidal form
on the TONE output or as a square wave on the port line
P1.7/MDY. The latter is typically for ringer applications in
telephone sets. If no frequency output is selected the
TONE output is in 3-state mode.
6.1
Frequency generator derivative registers
6.1.1
HIGH AND LOW GROUP FREQUENCY REGISTERS
Table 3 gives the addresses, symbols and access types of the High Group Frequency (HGF) and Low Group Frequency
(LGF) registers, used to set the frequency output.
Table 3
Hexadecimal addresses, symbols, access types and bit symbols of the frequency registers
6.1.2
CLOCK AND MELODY CONTROL REGISTER (MDYCON)
Table 4
Clock and Melody Control Register, MDYCON (address 13H; access type R/W)
Table 5
Description of MDYCON bits
REGISTER
ADDRESS
REGISTER
SYMBOL
ACCESS
TYPE
BIT SYMBOLS
7
6
5
4
3
2
1
0
11H
HGF
W
H7H6H5H4H3H2H1H0
12H
LGF
W
L7L6L5L4L3L2L1L0
7
6
5
4
3
2
1
0
0
0
0
0
0
EDCO
DIV3
EMO
BIT
SYMBOL
DESCRIPTION
7to3
These bits are set to a logic 0.
2
EDCO
Enable DTMF clock output. If bit EDCO = 0, then DP1.7/DCO is a general purpose
derivative port line. If bit EDCO = 1, then DP1.7/DCO is the DTMF clock output.
EDCO = 1 does not inhibit the port instructions for DP1.7/DCO. Therefore the state of
both port line and flip-flop may be read in and the port flip-flop may be written by
derivative port instructions. However, the port flip-flop of DP1.7/DCO must remain set to
avoid conflicts between DTMF clock and port outputs.
1
DIV3
Enable DTMF clock divider. If bit DIV3 = 0, then the DTMF clock fDTMF =fxtal.
If bit DIV3 = 1, then fDTMF = 13 × fxtal.
0
EMO
Enable Melody Output. If bit EMO = 0, then P1.7/MDY is a standard port line.
If bit EMO = 1, then P1.7/MDY is the melody output. EMO = 1 does not inhibit the port
instructions for P1.7/MDY. Therefore the state of both port line and flip-flop may be read
in and the port flip-flop may be written by port instructions. However, the port flip-flop of
P1.7/MDY must remain set to avoid conflicts between melody and port outputs.
When the HGF contents are zero while EMO = 1, P1.7/MDY is in the HIGH state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com