Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PCA3351CP Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza PCA3351CP
Descripción Electrónicos  8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA3351CP Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA3351CP Datasheet HTML 1Page - NXP Semiconductors PCA3351CP Datasheet HTML 2Page - NXP Semiconductors PCA3351CP Datasheet HTML 3Page - NXP Semiconductors PCA3351CP Datasheet HTML 4Page - NXP Semiconductors PCA3351CP Datasheet HTML 5Page - NXP Semiconductors PCA3351CP Datasheet HTML 6Page - NXP Semiconductors PCA3351CP Datasheet HTML 7Page - NXP Semiconductors PCA3351CP Datasheet HTML 8Page - NXP Semiconductors PCA3351CP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
1999 Oct 28
2
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator
and 128 bytes EEPROM
PCA3351C; 52C; 53C;
PCD3351A; 52A; 53A
CONTENTS
1
FEATURES
2
GENERAL DESCRIPTION
3
ORDERING INFORMATION
4
BLOCK DIAGRAM
5
PINNING INFORMATION
5.1
Pinning
5.2
Pin description
6
FREQUENCY GENERATOR
6.1
Frequency generator derivative registers
6.2
Melody output (P1.7/MDY)
6.3
Frequency registers
6.4
DTMF frequencies
6.5
Modem frequencies
6.6
Musical scale frequencies
7
EEPROM AND TIMER 2 ORGANIZATION
7.1
EEPROM registers
7.2
EEPROM latches
7.3
EEPROM flags
7.4
EEPROM macros
7.5
EEPROM access
7.6
Timer 2
8
DERIVATIVE INTERRUPTS
9
TIMING
10
RESET
11
IDLE MODE
12
STOP MODE
13
INSTRUCTION SET RESTRICTIONS
14
OVERVIEW OF PORT AND
POWER-ON-RESET CONFIGURATIONS
15
SUMMARY OF DERIVATIVE REGISTERS
16
HANDLING
17
LIMITING VALUES
18
DC CHARACTERISTICS
19
AC CHARACTERISTICS
20
PACKAGE OUTLINES
21
SOLDERING
21.1
Reflow soldering
21.2
Wave soldering
21.3
DIP
21.4
Repairing soldered joints
22
DEFINITIONS
23
LIFE SUPPORT APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com