Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AS58C1001SF-25/XT Datasheet(PDF) 21 Page - Austin Semiconductor

No. de pieza AS58C1001SF-25/XT
Descripción Electrónicos  128K x 8 EEPROM EEPROM Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AUSTIN [Austin Semiconductor]
Página de inicio  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS58C1001SF-25/XT Datasheet(HTML) 21 Page - Austin Semiconductor

Back Button AS58C1001SF-25/XT Datasheet HTML 14Page - Austin Semiconductor AS58C1001SF-25/XT Datasheet HTML 15Page - Austin Semiconductor AS58C1001SF-25/XT Datasheet HTML 16Page - Austin Semiconductor AS58C1001SF-25/XT Datasheet HTML 17Page - Austin Semiconductor AS58C1001SF-25/XT Datasheet HTML 18Page - Austin Semiconductor AS58C1001SF-25/XT Datasheet HTML 19Page - Austin Semiconductor AS58C1001SF-25/XT Datasheet HTML 20Page - Austin Semiconductor AS58C1001SF-25/XT Datasheet HTML 21Page - Austin Semiconductor AS58C1001SF-25/XT Datasheet HTML 22Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS58C1001
Austin Semiconductor, Inc.
AS58C1001
Rev. 5.0 7/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
21
End
Of
Life
ORDERING INFORMATION
Device Number
Package
Type
Speed
ns
Process
Device Number
Package
Type
Speed
ns
Process
AS58C1001
ECA
-15
/*
AS58C1001
F
-15
/*
AS58C1001
ECA
-20
/*
AS58C1001
F
-20
/*
AS58C1001
ECA
-25
/*
AS58C1001
F
-25
/*
EXAMPLE: AS58C1001DCJ-20/IT
Device Number
Package
Type
Speed
ns
Process
Device Number
Package
Type
Speed
ns
Process
AS58C1001
SF
-15
/*
AS58C1001
DCJ
-15
/*
AS58C1001
SF
-20
/*
AS58C1001
DCJ
-20
/*
AS58C1001
SF
-25
/*
AS58C1001
DCJ
-25
/*
EXAMPLE: AS58C1001DG-15/XT **
Device Number
Package
Type
Speed
ns
Process
AS58C1001
DG
-15
/*
AS58C1001
DG
-20
/*
AS58C1001
DG
-25
/*
EXAMPLE: AS58C1001ECA-20/XT
EXAMPLE: AS58C1001SF-15/IT
EXAMPLE: AS58C1001F-25/883C
*AVAILABLE PROCESSES
IT = Industrial Temperature Range
-40oC to +85oC
XT = Extended Temperature Range
-55oC to +125oC
883C = Full Military Processing
-55oC to +125oC
**NOTE: DG package available as XT and IT only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com