Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PCE-DRP2 Datasheet(PDF) 1 Page - PCE Instruments.

No. de pieza PCE-DRP2
Descripción Electrónicos  Handheld Digital Refractometer PCE-DRP 2 Coffee
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PCE [PCE Instruments.]
Página de inicio  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DRP2 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-DRP2 Datasheet HTML 1Page - PCE Instruments. PCE-DRP2 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Handheld Digital Refractometer PCE-DRP 2 Coffee
PCE-DRP 2 Coffee Handheld Digital Refractometer
Waterproof IP65-rated Brix / coffee p2 / refractive index (nD) refractometer with easy-to-read LCD
PCE-DRP 2 is a handheld digital refractometer used to determine the sugar content / coffee p2 of coffee and similar liquids in the 0 ... 30 % Brix
/ 0 ... 25 coffee p2 measuring range. This waterproof IP65-rated digital refractometer features automatic temperature compensation (ATC) from
+10 ... +40 °C / +50 ... +104 °F, as well as a large, easy-to-read LCD that shows both the measured value and the temperature.
Measurement parameters: Brix, coffee p2, temperature
Automatic temperature compensation (ATC) from +10 ... +40 °C / +50 ... +104 °F
Handheld and portable
User-friendly 3-button operation
Fast and precise measuring results in approx. 1 sec.
ABS plastic housing with IP65 ingress protection rating against water and dust
Large, easy-to-read digital LCD shows both the measured value and the temperature
Average function measures same sample 15 times and displays the mean value
Stainless-steel ring on sample well protects glass prism from damage
Internal light source for improved accuracy
Small liquid sample size of just 4 to 5 drops
Easy calibration with distilled water
Battery-saving automatic power off after 1 min. of inactivity


Número de pieza similar - PCE-DRP2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PCE Instruments.
PCE-DRP1 PCE-PCE-DRP1 Datasheet
438Kb / 2P
Handheld Digital Refractometer PCE-DRP 1 Coffee
More results

Descripción similar - PCE-DRP2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Extech Instruments Corp...
RF18 EXTECH-RF18 Datasheet
65Kb / 1P
Brix Refractometer
logo
Keysight Technologies
U1602B KEYSIGHT-U1602B Datasheet
498Kb / 12P
Handheld Digital Oscilloscopes
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
Handheld Digital Oscilloscopes
U1610A KEYSIGHT-U1610A Datasheet
1Mb / 13P
Handheld Digital Oscilloscopes
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
Handheld Digital Oscilloscopes
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
Handheld Digital Multimeters
logo
Copal Electronics
PG-100 COPAL-PG-100_16 Datasheet
150Kb / 6P
HANDHELD DIGITAL MANOMETER
PG-100B COPAL-PG-100B_16 Datasheet
89Kb / 4P
HANDHELD DIGITAL MANOMETER
PG-100N COPAL-PG-100N_16 Datasheet
85Kb / 4P
HANDHELD DIGITAL MANOMETER
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
Handheld Digital Multimeters
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com