| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PCE-RT2000 Datasheet(PDF) 1 Page - PCE Instruments. |
|
|
|||||||||||||||||||||||||||||
PCE-RT2000 Datasheet(HTML) 1 Page - PCE Instruments. |
|
1 / 3 page ![]() Profilometer PCE-RT 2000 PCE-RT 2000 Profilometer Portable Roughness Tester for fast roughness detection / Large OLED display / Measurement of Ra, Rq, Rsm, Rsk, Rz, Rt, Rp, Rv, Rc / Numeric and graphic display The profilometer PCE-RT 2000 is used for accurate measurement of surface roughness. The profilometer can be used on all surfaces. The roughness with the profilometer is precisely recorded via the piezotast head. The profilometer measures in the ranges Ra, Rq, Rsm, Rsk, Rz, Rt, Rp, Rv, Rc and is therefore a universal profilometer in quality assurance. The profilometer is simply placed on the surface for measurement. During the measurement process, a probe is pulled over the surface and the profilometer displays the measured value on the large, OLED display. In addition to the numerical measured value display, the measuring profile can be graphically visualized. The profilometer PCE-RT 2000 is powered by a rechargeable battery. The charger of the profilometer is included in delivery. The profilometer has an automatic shut-off function for the battery care. The profilometer PCE-RT 2000 has a Micro USB cable. The measuring device can be charged via this connection. Furthermore, the measurement data can be transmitted from the profilometer to the software. So it is possible to create a complete documentation of the measurement. Rz = average roughness The average roughness depth Rz is the arithmetic mean of the largest single-order depths of several adjacent individual measurement sections. Ra = arithmetic mean roughness Ra is the generally recognized and internationally applied roughness parameter. It is the arithmetic mean of the absolute values of the profile deviations within the reference distance. The measured value Ra is always smaller than the Rz value determined on the same roughness profile. Rt = maximum roughness The maximum surface roughness Rt is the distance between the highest and the lowest point of the measuring section. Rq = Square Mean Roughness Rq is the root mean square of all ordinate values within the individual measurement distance l. Rq corresponds to the designation RMS (Root Mean Square). |
Número de pieza similar - PCE-RT2000 |
|
Descripción similar - PCE-RT2000 |
|
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |