Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PCF1171C Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza PCF1171C
Descripción Electrónicos  4-digit LCD car clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1171C Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF1171C Datasheet HTML 4Page - NXP Semiconductors PCF1171C Datasheet HTML 5Page - NXP Semiconductors PCF1171C Datasheet HTML 6Page - NXP Semiconductors PCF1171C Datasheet HTML 7Page - NXP Semiconductors PCF1171C Datasheet HTML 8Page - NXP Semiconductors PCF1171C Datasheet HTML 9Page - NXP Semiconductors PCF1171C Datasheet HTML 10Page - NXP Semiconductors PCF1171C Datasheet HTML 11Page - NXP Semiconductors PCF1171C Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1997 Apr 16
8
Philips Semiconductors
Product specification
4-digit LCD car clock
PCF1171C
Table 1
Bonding pad locations (dimensions in
µm)
All x/y coordinates are referenced to the pad G2, see Fig.4.
PAD
x
y
PAD
x
y
OSC OUT
1060
0
S6
860
2320
OSC IN
1260
0
S5
660
2320
S1
1460
0
VDD
460
2320
S3
1680
0
A4
240
2320
BP
1920
0
F4
0
2320
ADEG1
1920
240
G4
0
2080
C1
1920
460
B3
0
1860
E2
1920
660
A3
0
1660
D2
1920
860
F3
0
1460
C2
1920
1060
G3
0
1260
E3
1920
1260
P1, P2
0
1060
D3
1920
1460
P3, P4
0
860
C3
1920
1660
B2
0
660
E4
1920
1860
A2
0
460
D4
1920
2080
F2
0
240
C4
1920
2320
G2
0
0
B4
1680
2320
B1
240
0
S2
1460
2320
TR
460
0
S4
1260
2320
TS
660
0
VSS
1060
2320
VDD
860
0
chip corner (max. value)
−220
−170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16