Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC18D01 Datasheet(PDF) 3 Page - ATMEL Corporation

No. de pieza PC18D01
Descripción Electrónicos  Cell-based ASIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC18D01 Datasheet(HTML) 3 Page - ATMEL Corporation

  PC18D01 Datasheet HTML 1Page - ATMEL Corporation PC18D01 Datasheet HTML 2Page - ATMEL Corporation PC18D01 Datasheet HTML 3Page - ATMEL Corporation PC18D01 Datasheet HTML 4Page - ATMEL Corporation PC18D01 Datasheet HTML 5Page - ATMEL Corporation PC18D01 Datasheet HTML 6Page - ATMEL Corporation PC18D01 Datasheet HTML 7Page - ATMEL Corporation PC18D01 Datasheet HTML 8Page - ATMEL Corporation PC18D01 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
1389CS–CASIC–06-Nov-06
ATC18 Summary
2.
Standard Cell Library SClib
The Atmel Standard Cell Library, SClib, contains a comprehensive set of combinational logic
and storage cells. The SClib library includes cells which belong to the following categories:
• Buffers and Gates
• Multiplexers
• Flip-flops
• Scan Flip-flops
•Latches
• Adders and Subtractors
2.1
Decoding the Cell Name
Table 2-1 shows the naming conventions for the cells in the SClib library. Each cell name begins
with either a two-, three-, or four-letter code that defines the type of cell. This indicates the range
of standard cells available.
Table 2-1.
Cell Codes
Code
Description
Code
Description
AD
Adder
INVB
Balanced Inverter
AH
Half Adder
INVT
Inverting 3-State Buffer
AS
Adder/Subtractor
LA
D Latch
AN
AND Gate
MI
Inverting Multiplexer
AOI
AND-OR-Invert Gate
MX
Multiplexer
AON
AND-OR-AND-Invert Gates
ND
NAND Gate
AOR
AND-OR Gate
NR
NOR Gate
BH
Bus Holder
OAI
OR-AND-Invert Gate
BUFB
Balanced Buffer
OAN
OR-AND-OR-Invert Gates
BUFF
Non-Inverting Buffer
OR
OR Gate
BUFT
Non-Inverting 3-State Buffer
ORA
OR-AND Gate
CG
Carry Generator
SD
Multiplexed Scan D Flip-Flop
CLK2
Clock Buffer
SE
Multiplexed Scan Enable D Flip-Flop
DE
D-Enabled Flip-Flop
SU
Subtractor
DF
D Flip-Flop
XN
Exclusive NOR Gate
INV0
Inverter
XR
Exclusive OR Gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12