Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BES02WF Datasheet(PDF) 2 Page - Balluff Korea Ltd.

No. de pieza BES02WF
Descripción Electrónicos  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BALLUFF [Balluff Korea Ltd.]
Página de inicio  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES02WF Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES02WF Datasheet HTML 1Page - Balluff Korea Ltd. BES02WF Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES M12EG1-NSC60Z-S04G-S11
Order Code: BES02WF
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 258117
ETIM 6.0: EC002714
BES02WF_0.73_2023-02-20
2 / 2
Interface
Switching output
NPN normally open (NO)
Material
Housing material
Stainless steel
Material sensing surface
Stainless steel
Mechanical data
Dimension
Ø 12 x 60 mm
Installation
quasi-flush
Pressure rating max.
80 bar
Pressure rating, note
Pressure-resistant
Size
M12x1
Tightening torque
10 Nm ±10 %
Range/Distance
Assured operating distance Sa
4.9 mm
Hysteresis H max. (% of Sr)
15.0 %
Rated operating distance Sn
6 mm
Real switching distance sr
6 mm
Repeat accuracy max. (% of Sr)
5.0 %
Switching distance marking
■■■
Temperature drift max. (% of Sr)
10 %
Tolerance Sr
±10 %
Remarks
The sensor is functional again after the overload has been eliminated.
When installing in metals the switching distance may be reduced by up to 50%. Installation Instructions 841020.
Installation permitted only in clamp without positive stop.
LED flashes between 100% and approx. 70% of Sr
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com