Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PCK857 Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza PCK857
Descripción Electrónicos  66-150MHz Phase Locked Loop Differential 1:10 SDRAM Clock Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK857 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCK857 Datasheet HTML 1Page - NXP Semiconductors PCK857 Datasheet HTML 2Page - NXP Semiconductors PCK857 Datasheet HTML 3Page - NXP Semiconductors PCK857 Datasheet HTML 4Page - NXP Semiconductors PCK857 Datasheet HTML 5Page - NXP Semiconductors PCK857 Datasheet HTML 6Page - NXP Semiconductors PCK857 Datasheet HTML 7Page - NXP Semiconductors PCK857 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Preliminary specification
PCK857
66–150MHz Phase Locked Loop Differential 1:10
SDRAM Clock Driver
1998 Dec 10
4
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltages are referenced to GND (ground = 0V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
AVCC
Analog supply voltage
3
3.3
3.6
V
VDDQ
I/O supply voltage
2.3
2.5
2.7
V
VIL
Input low voltage
–0.3
Vref –0.35
V
VIH
Input high voltage
Vref + 0.35
Vddq + 0.3
V
VOL
Output low voltage1
0
0.5
V
VOH
Output high voltage1
2
Vddq
V
NOTE:
1. This is intended to operate in the SSTL_2 type IV unterminated mode without series resistors on the outputs.
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KΩ
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
UNIT
MIN
TYP
MAX
fCK
Clock frequency
50
133
150
MHz
fPHASERROR
Phase error
–150
0
150
ps
fSK
Output clock skew
200
ps
fdifSK
Differential clock skew
100
ps
fSL
Output clock skew
1
1.5
V/ns
Jitterpp
Peak-to-Peak jitter
(long term)
–100
100
ps
Jittercc
Cycle-to-cycle jitter
(short term)
> –100
< 100
ps
O/P
impedance
Inherent series
resistance
25
Ω
fDC
Duty cycle
45
55
%
Cin
Input capacitance
2.5
4
pF
Sync time
100
µs
NOTE:
1.
Rise and fall



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com