| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M95080 Datasheet(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95080 Datasheet(HTML) 42 Page - STMicroelectronics |
|
42 / 45 page ![]() Part numbering M95160, M95080 42/45 Table 28. Available M95160 products (package, voltage range, temperature grade) Package M95160 4.5 V to 5.5 V M95160-W 2.5 V to 5.5 V M95160-R 1.8 V to 5.5 V SO8 (MN) Range 6 Range3 Range 6 Range3 Range 6 TSSOP (DW) NA(1) 1. NA = Not available Range 6 Range3 Range 6 MLP 2x3mm (MB) NA(1) NA(1) Range 6 Table 29. Available M95080 products (package, voltage range, temperature grade) Package M95080 4.5 V to 5.5 V M95080-W 2.5 V to 5.5 V M95080-R 1.8 V to 5.5 V SO8 (MN) Range 6 Range3 Range 6 Range3 Range 6 TSSOP (DW) NA(1) 1. NA = Not available Range 6 Range3 Range 6 MLP 2x3mm (MB) NA(1) Range 6 Range 6 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |