| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TCS37715 Datasheet(PDF) 41 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS37715 Datasheet(HTML) 41 Page - OSRAM GmbH |
|
41 / 49 page ![]() Page 40 ams Datasheet Document Feedback [v1-31] 2018-Apr-04 TCS3771 − Packaging Mechanical Data Figure 48: Package FN Carrier Tape Note(s): 1. All linear dimensions are in millimeters. Dimension tolerance is ±0.10mm unless otherwise noted. 2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly. 3. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481-B 2001. 4. Each reel is 178 millimeters in diameter and contains 3500 parts. 5. ams AG packaging tape and reel conform to the requirements of EIA Standard 481-B. 6. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape. 7. This drawing is subject to change without notice. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |