| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TMF8701-1XM Datasheet(PDF) 8 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8701-1XM Datasheet(HTML) 8 Page - OSRAM GmbH |
|
8 / 66 page ![]() Datasheet, Public Page 7 [v2-00] 2023-Feb-21 Document Feedback TMF8701 − Electrical Characteristics Recommended Operating Conditions Device parameters are guaranteed at nominal conditions otherwise noted. While the device is operational across the temperature range, functionality will vary with temperature. Figure 6: Recommended Operating Conditions TMF8701 Module Parameter Min Typ Max Units Comment VDDV, VDDC, VDD 3V Supply voltage 2.7 3 3.3 V Temperature Range Free-air temperature -30 25 70 °C Operational Electrical Characteristics |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |