Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CS73AB Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

No. de pieza CS73AB
Descripción Electrónicos   Telephone Master Outlet - Square Edge Antique Brass
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Página de inicio  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

CS73AB Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  CS73AB Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
CS73AB
DESCRIPTION
Telephone Master Outlet - Square Edge Antique Brass
NET WEIGHT (KG)
0.121
FINISH
Antique Brass
DIMENSIONS (MM)
Height - 89
Width - 89
Projection - 10.5
MINIMUM MOUNTING BOX DEPTH
25mm
CONSTRUCTION
Construction - Premium grade steel
IP RATING
IP20
EARTH TERMINAL
Yes
TERMINAL TYPE
Screw
WARRANTY
2year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 5733
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832976394
Date Created: 09/04/2024 01:28
www.mlaccessories.co.uk
CS73AB
Telephone Master Outlet - Square Edge Antique
Brass


Número de pieza similar - CS73AB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS7331 CIRRUS-CS7331 Datasheet
168Kb / 10P
Miniature Bottom Port Analog MEMS Microphone
CS7331P CIRRUS-CS7331P Datasheet
174Kb / 11P
Miniature Bottom Port Analog MEMS Microphone
logo
ML Accessories Limited....
CS73BC KNIGHTSBRIDGE-CS73BC Datasheet
303Kb / 1P
Telephone Master Outlet - Brushed Chrome
09/04/2024
More results

Descripción similar - CS73AB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fuji Electric
EDS11-156A FUJI-EDS11-156A Datasheet
173Kb / 4P
MASTER STATION
logo
Ralston Instruments.
QTHP-0010 RALSTON-QTHP-0010 Datasheet
288Kb / 1P
HP, XH outlet check-valve, spring and plug, brass
logo
Marktech Corporate
C4SMK MARKTECH-C4SMK Datasheet
605Kb / 9P
Screen Master
C5SMF-AJS MARKTECH-C5SMF-AJS Datasheet
494Kb / 8P
Screen Master
C5SMF-C5SME MARKTECH-C5SMF-C5SME Datasheet
521Kb / 10P
Screen Master
logo
List of Unclassifed Man...
6SPDX ETC2-6SPDX Datasheet
483Kb / 3P
Waber-by-Tripp Lite 6-outlet Power Strip with Illuminated Master Switch and 6-ft. Cord
logo
Xilinx, Inc
DS566 XILINX-DS566 Datasheet
877Kb / 38P
PLBV46 Master
logo
Pasternack Enterprises,...
PE6232 PASTERNACK-PE6232_16 Datasheet
445Kb / 4P
SMA Female Input Square Body Nickel Plated Brass
logo
Ralston Instruments.
QTHA-3SB0 RALSTON-QTHA-3SB0_19 Datasheet
294Kb / 1P
3/8-24 Male SAE X Male Quick-test outlet connection, brass
logo
ARTSCHIP ELECTRONICS CO...
KA2411 ARTSCHIP-KA2411 Datasheet
336Kb / 7P
Telephone
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com